Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2V7002W Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2V7002W
Description  Small Signal MOSFET 60 V, 340 mA, Single, N.Channel, SC.70
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2V7002W Datasheet(HTML) 3 Page - ON Semiconductor

  2V7002W Datasheet HTML 1Page - ON Semiconductor 2V7002W Datasheet HTML 2Page - ON Semiconductor 2V7002W Datasheet HTML 3Page - ON Semiconductor 2V7002W Datasheet HTML 4Page - ON Semiconductor 2V7002W Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2N7002W, 2V7002W
http://onsemi.com
3
TYPICAL CHARACTERISTICS
5.0 V
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
6
4
2
0
0
0.4
0.8
1.2
1.6
6
4
2
0
0
0.4
0.8
1.2
Figure 3. On−Resistance vs. Drain Current and
Temperature
Figure 4. On−Resistance vs. Drain Current and
Temperature
ID, DRAIN CURRENT (A)
1.2
1.0
0.8
0.6
0.4
0.2
0
0
0.4
0.8
1.2
1.6
2.0
3.2
Figure 5. On−Resistance vs. Gate−to−Source
Voltage
Figure 6. On−Resistance Variation with
Temperature
VGS, GATE−TO−SOURCE VOLTAGE (V)
TJ, JUNCTION TEMPERATURE (°C)
10
8
6
4
2
0.4
0.8
1.6
2.4
125
100
75
50
25
0
−25
−50
0.6
1.0
1.4
1.8
2.2
VGS = 10 V
7.0 V
8.0 V
9.0 V
4.5 V
4.0 V
6.0 V
3.5 V
3.0 V
2.5 V
TJ = −55°C
TJ = 125°C
TJ = 25°C
TJ = −55°C
TJ = 125°C
TJ = 25°C
TJ = 85°C
VGS = 4.5 V
ID, DRAIN CURRENT (A)
1.2
1.0
0.8
0.6
0.4
0.2
0
0
0.8
1.6
2.4
3.2
TJ = −55°C
TJ = 125°C
TJ = 25°C
TJ = 85°C
VGS = 10 V
ID = 500 mA
ID = 200 mA
150
ID = 0.2 A
VGS = 4.5 V
VGS = 10 V
1.2
2.0
2.4
2.8
0.4
1.2
2.0
2.8


Similar Part No. - 2V7002W

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
2V7002W LEIDITECH-2V7002W Datasheet
1Mb / 6P
   We declare that the material of product compliance with RoHS requirements and Halogen Free.
Rev : 01.06.2015
logo
ON Semiconductor
2V7002WT1G ONSEMI-2V7002WT1G Datasheet
71Kb / 5P
   Small Signal MOSFET
April, 2015 ??Rev. 6
More results

Similar Description - 2V7002W

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N7002W ONSEMI-2N7002W Datasheet
107Kb / 5P
   Small Signal MOSFET 60 V, 340 mA, Single, N?묬hannel, SC??0
April, 2007 ??Rev. 2
2N7002K ONSEMI-2N7002K_12 Datasheet
112Kb / 6P
   Small Signal MOSFET 60 V, 380 mA, Single, N.Channel, SOT.23
May, 2012 ??Rev. 10
2N7002E ONSEMI-2N7002E_11 Datasheet
100Kb / 5P
   Small Signal MOSFET 60 V, 310 mA, Single, N.Channel, SOT.23
February, 2011 ??Rev. 3
2N7002L ONSEMI-2N7002L_12 Datasheet
100Kb / 4P
   Small Signal MOSFET 60 V, 115 mA, N.Channel SOT.23
May, 2012 ??Rev. 6
NTS4001N ONSEMI-NTS4001N_V01 Datasheet
236Kb / 7P
   MOSFET – Single, N-Channel, Small Signal, SC-70 30 V, 270 mA
June, 2019 - Rev. 5
NTA4151P ONSEMI-NTA4151P Datasheet
72Kb / 6P
   Small Signal MOSFET ??0 V, ??60 mA, Single P?묬hannel, Gate Zener, SC??5, SC??9
September, 2006 ??Rev. 5
logo
WILLAS ELECTRONIC CORP
BSS84WT1 WILLAS-BSS84WT1 Datasheet
309Kb / 4P
   Small Signal MOSFET 115 mA, 60 V
2N7002WT1 WILLAS-2N7002WT1 Datasheet
374Kb / 5P
   Small Signal MOSFET 115 mA, 60 V
logo
NXP Semiconductors
2N7002BKV PHILIPS-2N7002BKV_15 Datasheet
379Kb / 16P
   60 V, 340 mA dual N-channel Trench MOSFET
Rev. 2-22 September 2010
2N7002BKV NXP-2N7002BKV Datasheet
379Kb / 16P
   60 V, 340 mA dual N-channel Trench MOSFET
Rev. 2-22 September 2010
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com