Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4853A Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC4853A
Description  Low-Voltage, Low-Current High-Frequency Amplifi er Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4853A Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC4853A_12 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4853A_12 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4853A_12 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4853A_12 Datasheet HTML 4Page - Sanyo Semicon Device 2SC4853A_12 Datasheet HTML 5Page - Sanyo Semicon Device 2SC4853A_12 Datasheet HTML 6Page - Sanyo Semicon Device 2SC4853A_12 Datasheet HTML 7Page - Sanyo Semicon Device 2SC4853A_12 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SC4853A
No. A1076-4/8
S11e
f=200MHz to 2000MHz(200MHz Step)
S21e
f=200MHz to 2000MHz(200MHz Step)
S12e
f=200MHz to 2000MHz(200MHz Step)
S22e
f=200MHz to 2000MHz(200MHz Step)
j50
j25
j10
0
10
--j10
--j25
--j50
--j100
--j150
--j200
--j250
j100
j150
j200
j250
100
150
250
90
°
120
°
150
°
±180°
--150
°
--120
°
--90
°
--30
°
--60
°
0
60
°
30
°
6
8
4
2
0.2GHz
0.2GHz
2.0GHz
90
°
120
°
150
°
±180°
--150
°
--120
°
--90
°
--30
°
--60
°
0
60
°
30
°
0.05
0.15 0.20
0.10
j50
j25
j10
0
0.2
0.5
--j10
--j25
--j50
--j100
--j150
--j200
--j250
j100
j150
j200
j250
20
100
10
ITR07588
ITR07589
ITR07590
ITR07591
25
0.2GHz
2.0GHz
50
0.2GHz
V
CE =1V
IC=1mA
VCE=2V
IC=3mA
V CE
=1V
I C
=1mA
VCE=2V
IC=3mA
V CE
=1V
I C
=1mA
V CE
=2V
I C
=3mA
VCE=1V
IC=1mA
VCE=2V
IC=3mA
S Parameters


Similar Part No. - 2SC4853A_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC4853A-4-TL-E ONSEMI-2SC4853A-4-TL-E Datasheet
355Kb / 8P
   RF Transistor Low-voltage, low-current operation
August, 2013
More results

Similar Description - 2SC4853A_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK932 SANYO-2SK932_12 Datasheet
335Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
2SK3557 SANYO-2SK3557_12 Datasheet
408Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
2SA1705 SANYO-2SA1705_12 Datasheet
482Kb / 6P
   Low-Frequency Power Amplifi er Applications
12A02MH-TL-E SANYO-12A02MH-TL-E Datasheet
473Kb / 6P
   Low-Frequency General-Purpose Amplifi er Applications
30C02MH-TL-E SANYO-30C02MH-TL-E Datasheet
477Kb / 6P
   Low-Frequency General-Purpose Amplifi er Applications
50A02CH SANYO-50A02CH_12 Datasheet
532Kb / 7P
   Low-Frequency General-Purpose Amplifi er Applications
30C02MH SANYO-30C02MH Datasheet
247Kb / 4P
   Low-Frequency General-Purpose Amplifi er Applications
CPH5905 SANYO-CPH5905_12 Datasheet
534Kb / 8P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifi er Applications
MCH4014 SANYO-MCH4014 Datasheet
84Kb / 10P
   High-Frequency Low-Noise Amplifi er
MCH5908 SANYO-MCH5908_12 Datasheet
399Kb / 6P
   High-Frequency Amplifi er, AM Amplifier, Low-Frequency Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com