Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN64BCT2827CNT Datasheet(PDF) 4 Page - Texas Instruments

Part # SN64BCT2827CNT
Description  10-BIT BUS/MOS MEMORY DRIVER WITH 3-STATE OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN64BCT2827CNT Datasheet(HTML) 4 Page - Texas Instruments

  SN64BCT2827CNT Datasheet HTML 1Page - Texas Instruments SN64BCT2827CNT Datasheet HTML 2Page - Texas Instruments SN64BCT2827CNT Datasheet HTML 3Page - Texas Instruments SN64BCT2827CNT Datasheet HTML 4Page - Texas Instruments SN64BCT2827CNT Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SN64BCT2827C
10BIT BUS/MOS MEMORY DRIVER
WITH 3STATE OUTPUTS
SCBS415 − APRIL 1987 − REVISED NOVEMBER 1993
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics over recommended range of supply voltage, CL = 50 pF (unless
otherwise noted) (see Note 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
TA = − 40°C
to 85
°C
TA = 0°C
to 70
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
0.9
3.6
5.2
0.9
6.6
0.9
6
ns
tPHL
A
Y
2
5.1
7.2
2
8.2
2
7.8
ns
tPZH
OE
Y
2.8
5.6
8
2.8
11.5
2.8
10.7
ns
tPZL
OE
Y
5
8.9
11
5
13.7
5
12.9
ns
tPHZ
OE
Y
3.2
6.7
10.5
3.2
14
3.2
13
ns
tPLZ
OE
Y
2.7
5.3
8.5
2.7
11
2.7
10
ns
NOTE 3: Load circuits and voltage waveforms are shown in Section 1.


Similar Part No. - SN64BCT2827CNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN64BCT2240 TI1-SN64BCT2240 Datasheet
88Kb / 5P
[Old version datasheet]   OCTAL BUFFER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS
SN64BCT2240DW TI1-SN64BCT2240DW Datasheet
88Kb / 5P
[Old version datasheet]   OCTAL BUFFER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS
SN64BCT2240N TI1-SN64BCT2240N Datasheet
88Kb / 5P
[Old version datasheet]   OCTAL BUFFER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS
SN64BCT2241 TI1-SN64BCT2241 Datasheet
87Kb / 5P
[Old version datasheet]   OCTAL BUFFER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS
SN64BCT2241DW TI1-SN64BCT2241DW Datasheet
87Kb / 5P
[Old version datasheet]   OCTAL BUFFER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN64BCT2827CNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT2828A TI1-SN54BCT2828A Datasheet
304Kb / 11P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2827C TI-SN54BCT2827C_08 Datasheet
418Kb / 12P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2828A TI1-SN54BCT2828A_14 Datasheet
316Kb / 11P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2827C TI-SN54BCT2827C Datasheet
74Kb / 5P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2827C TI-SN54BCT2827C_07 Datasheet
397Kb / 12P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2410 TI1-SN74BCT2410 Datasheet
96Kb / 6P
[Old version datasheet]   11-BIT MOS MEMORY DRIVER WITH 3-STATE OUTPUTS
SN74LVC861A TI-SN74LVC861A Datasheet
126Kb / 8P
[Old version datasheet]   10-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC861A TI-SN74LVC861A_06 Datasheet
280Kb / 13P
[Old version datasheet]   10-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC861A TI-SN74LVC861A_V01 Datasheet
929Kb / 17P
[Old version datasheet]   10-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALS29861 TI1-SN74ALS29861 Datasheet
141Kb / 8P
[Old version datasheet]   10-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com