Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMB160AT3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # 1SMB160AT3G
Description  600 Watt Peak Power Zener Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SMB160AT3G Datasheet(HTML) 3 Page - ON Semiconductor

  1SMB160AT3G Datasheet HTML 1Page - ON Semiconductor 1SMB160AT3G Datasheet HTML 2Page - ON Semiconductor 1SMB160AT3G Datasheet HTML 3Page - ON Semiconductor 1SMB160AT3G Datasheet HTML 4Page - ON Semiconductor 1SMB160AT3G Datasheet HTML 5Page - ON Semiconductor 1SMB160AT3G Datasheet HTML 6Page - ON Semiconductor 1SMB160AT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1SMB5.0AT3G Series, SZ1SMB5.0AT3G Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
Device*
Device
Marking
VRWM
(Note 6)
IR @ VRWM
Breakdown Voltage
VC @ IPP (Note 8)
Ctyp
(Note 9)
VBR (Note 7) Volts
@ IT
VC
IPP
V
mA
Min
Nom
Max
mA
V
A
pF
1SMB5.0AT3G
1SMB6.0AT3G
1SMB6.5AT3G
1SMB7.0AT3G
KE
KG
KK
KM
5.0
6.0
6.5
7.0
800
800
500
500
6.40
6.67
7.22
7.78
6.7
7.02
7.6
8.19
7.0
7.37
7.98
8.6
10
10
10
10
9.2
10.3
11.2
12.0
65.2
58.3
53.6
50.0
2700
2300
2140
2005
1SMB7.5AT3G
1SMB8.0AT3G
1SMB8.5AT3G
1SMB9.0AT3G
KP
KR
KT
KV
7.5
8.0
8.5
9.0
100
50
10
5.0
8.33
8.89
9.44
10.0
8.77
9.36
9.92
10.55
9.21
9.83
10.4
11.1
1.0
1.0
1.0
1.0
12.9
13.6
14.4
15.4
46.5
44.1
41.7
39.0
1890
1780
1690
1605
1SMB10AT3G
1SMB11AT3G
1SMB12AT3G
1SMB13AT3G
KX
KZ
LE
LG
10
11
12
13
5.0
5.0
5.0
5.0
11.1
12.2
13.3
14.4
11.7
12.85
14
15.15
12.3
13.5
14.7
15.9
1.0
1.0
1.0
1.0
17.0
18.2
19.9
21.5
35.3
33.0
30.2
27.9
1460
1345
1245
1160
1SMB14AT3G
1SMB15AT3G
1SMB16AT3G
1SMB17AT3G
LK
LM
LP
LR
14
15
16
17
5.0
5.0
5.0
5.0
15.6
16.7
17.8
18.9
16.4
17.6
18.75
19.9
17.2
18.5
19.7
20.9
1.0
1.0
1.0
1.0
23.2
24.4
26.0
27.6
25.8
24.0
23.1
21.7
1085
1020
965
915
1SMB18AT3G
1SMB20AT3G
1SMB22AT3G
1SMB24AT3G
LT
LV
LX
LZ
18
20
22
24
5.0
5.0
5.0
5.0
20.0
22.2
24.4
26.7
21.05
23.35
25.65
28.1
22.1
24.5
26.9
29.5
1.0
1.0
1.0
1.0
29.2
32.4
35.5
38.9
20.5
18.5
16.9
15.4
870
790
730
675
1SMB26AT3G
1SMB28AT3G
1SMB30AT3G
1SMB33AT3G
ME
MG
MK
MM
26
28
30
33
5.0
5.0
5.0
5.0
28.9
31.1
33.3
36.7
30.4
32.75
35.05
38.65
31.9
34.4
36.8
40.6
1.0
1.0
1.0
1.0
42.1
45.4
48.4
53.3
14.2
13.2
12.4
11.3
630
590
555
510
1SMB36AT3G
1SMB40AT3G
1SMB43AT3G
1SMB45AT3G
MP
MR
MT
MV
36
40
43
45
5.0
5.0
5.0
5.0
40.0
44.4
47.8
50.0
42.1
46.75
50.3
52.65
44.2
49.1
52.8
55.3
1.0
1.0
1.0
1.0
58.1
64.5
69.4
72.7
10.3
9.3
8.6
8.3
470
430
400
385
1SMB48AT3G
1SMB51AT3G
1SMB54AT3G
1SMB58AT3G
MX
MZ
NE
NG
48
51
54
58
5.0
5.0
5.0
5.0
53.3
56.7
60.0
64.4
56.1
59.7
63.15
67.8
58.9
62.7
66.3
71.2
1.0
1.0
1.0
1.0
77.4
82.4
87.1
93.6
7.7
7.3
6.9
6.4
365
345
330
310
1SMB60AT3G
1SMB64AT3G
1SMB70AT3G
1SMB75AT3G
NK
NM
NP
NR
60
64
70
75
5.0
5.0
5.0
5.0
66.7
71.1
77.8
83.3
70.2
74.85
81.9
87.7
73.7
78.6
86
92.1
1.0
1.0
1.0
1.0
96.8
103
113
121
6.2
5.8
5.3
4.9
300
280
260
245
1SMB85AT3G
1SMB90AT3G
1SMB100AT3G
NV
NX
NZ
85
90
100
55.0
5.0
5.0
94.4
100
111
99.2
105.5
117
104
111
123
1.0
1.0
1.0
137
146
162
4.4
4.1
3.7
220
210
190
1SMB110AT3G
1SMB120AT3G
1SMB130AT3G
1SMB150AT3G
PE
PG
PK
PM
110
120
130
150
5.0
5.0
5.0
5.0
122
133
144
167
128.5
140
151.5
176
135
147
159
185
1.0
1.0
1.0
1.0
177
193
209
243
3.4
3.1
2.9
2.5
175
160
150
135
1SMB160AT3G
1SMB170AT3G
PP
PR
160
170
5.0
5.0
178
189
187.5
199
197
209
1.0
1.0
259
275
2.3
2.2
125
120
6. A transient suppressor is normally selected according to the working peak reverse voltage (VRWM), which should be equal to or greater than
the DC or continuous peak operating voltage level.
7. VBR measured at pulse test current IT at an ambient temperature of 25C.
8. Surge current waveform per Figure 2 and derate per Figure 4 of the General Data − 600 W at the beginning of this group.
9. Bias Voltage = 0 V, F = 1 MHz, TJ = 25C
†Please see 1SMB10CAT3 to 1SMB78CAT3 for Bidirectional devices.
* Include SZ-prefix devices where applicable.


Similar Part No. - 1SMB160AT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMB160AT3G ONSEMI-1SMB160AT3G Datasheet
69Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 10
1SMB160AT3G ONSEMI-1SMB160AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
More results

Similar Description - 1SMB160AT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NS6A5.0AT3G ONSEMI-NS6A5.0AT3G Datasheet
104Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
November, 2008 ??Rev. 1
SZ1SMB28CAT3G ONSEMI-SZ1SMB28CAT3G Datasheet
143Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
P6SMB200AT3G ONSEMI-P6SMB200AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
P6SMB15AT3G ONSEMI-P6SMB15AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
P6SMB6.8AT3 ONSEMI-P6SMB6.8AT3 Datasheet
59Kb / 8P
   600 Watt Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 5
NS6A5.0AF-D ONSEMI-NS6A5.0AF-D Datasheet
100Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
September, 2011 ??Rev. 0
SZP6SMB16AT3G ONSEMI-SZP6SMB16AT3G Datasheet
130Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
October, 2013 ??Rev. 13
1SMB10CAT3G ONSEMI-1SMB10CAT3G Datasheet
162Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
SZ1SMB28AT3G ONSEMI-SZ1SMB28AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
P6SMB11CAT3 ONSEMI-P6SMB11CAT3 Datasheet
71Kb / 6P
   600 Watt Peak Power Zener Transient Voltage Suppressors
July, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com