Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3747 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SK3747
Description  High-Voltage, High-Speed Switching Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3747 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SK3747_12 Datasheet HTML 1Page - Sanyo Semicon Device 2SK3747_12 Datasheet HTML 2Page - Sanyo Semicon Device 2SK3747_12 Datasheet HTML 3Page - Sanyo Semicon Device 2SK3747_12 Datasheet HTML 4Page - Sanyo Semicon Device 2SK3747_12 Datasheet HTML 5Page - Sanyo Semicon Device 2SK3747_12 Datasheet HTML 6Page - Sanyo Semicon Device 2SK3747_12 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SK3747
No.7767-2/7
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
1500
V
Zero-Gate Voltage Drain Current
IDSS
VDS=1200V, VGS=0V
100
μA
Gate-to-Source Leakage Current
IGSS
VGS=16V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
2.5
3.5
V
Forward Transfer Admittance
| yfs |
VDS=20V, ID=1A
0.7
1.4
S
Static Drain-to-Source On-State Resistance
RDS(on)
ID=1A, VGS=10V
10
13
Ω
Input Capacitance
Ciss
VDS=30V, f=1MHz
380
pF
Output Capacitance
Coss
70
pF
Reverse Transfer Capacitance
Crss
40
pF
Turn-ON Delay Time
td(on)
See Fig.2
12
ns
Rise Time
tr
37
ns
Turn-OFF Delay Time
td(off)
152
ns
Fall Time
tf
59
ns
Total Gate Charge
Qg
VDS=200V, VGS=10V, ID=2A
37.5
nC
Gate-to-Source Charge
Qgs
2.7
nC
Gate-to-Drain “Miller” Charge
Qgd
20
nC
Diode Forward Voltage
VSD
IS=2A, VGS=0V
0.88
1.2
V
Fig.1 Avalanche Resistance Test Circuit
Fig.2 Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
2SK3747-1E
TO-3PF-3L
30pcs./magazine
Pb Free
50Ω
≥50Ω
VDD
L
10V
0V
2SK3747
PW=10μs
D.C.≤0.5%
P.G
RGS=50Ω
G
S
D
ID=1A
RL=200Ω
VDD=200V
VOUT
2SK3747
VIN
10V
0V
VIN


Similar Part No. - 2SK3747_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SK3747-1E ONSEMI-2SK3747-1E Datasheet
239Kb / 7P
   N-Channel Power MOSFET
July, 2013
More results

Similar Description - 2SK3747_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3748 SANYO-2SK3748 Datasheet
46Kb / 4P
   High-Voltage, High-Speed Switching Applications
2SK3746 SANYO-2SK3746_12 Datasheet
497Kb / 7P
   High-Voltage, High-Speed Switching Applications
logo
Toshiba Semiconductor
1SS398 TOSHIBA-1SS398_07 Datasheet
255Kb / 4P
   High Voltage, High Speed Switching Applications
1SS399 TOSHIBA-1SS399_07 Datasheet
254Kb / 4P
   High Voltage, High Speed Switching Applications
logo
Sanyo Semicon Device
2SK1412 SANYO-2SK1412 Datasheet
96Kb / 3P
   High-Voltage High-Speed Switching Applications
2SK1413 SANYO-2SK1413 Datasheet
81Kb / 3P
   High-Voltage High-Speed Switching Applications
logo
Pan Jit International I...
1SS397 PANJIT-1SS397 Datasheet
202Kb / 4P
   HIGH VOLTAGE, HIGH SPEED SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SK1414 SANYO-2SK1414 Datasheet
82Kb / 3P
   High-Voltage High-Speed Switching Applications
2SK2349 SANYO-2SK2349 Datasheet
54Kb / 4P
   High-Voltage, High-Speed Switching Applications
logo
Toshiba Semiconductor
1SS306 TOSHIBA-1SS306_07 Datasheet
223Kb / 3P
   High Voltage, High Speed Switching Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com