Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD09IDGGREP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD09IDGGREP
Description  9-CHANNEL RS-422 / RS-485 TRANSCEIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD09IDGGREP Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65HVD09IDGGREP Datasheet HTML 6Page - Texas Instruments SN65HVD09IDGGREP Datasheet HTML 7Page - Texas Instruments SN65HVD09IDGGREP Datasheet HTML 8Page - Texas Instruments SN65HVD09IDGGREP Datasheet HTML 9Page - Texas Instruments SN65HVD09IDGGREP Datasheet HTML 10Page - Texas Instruments SN65HVD09IDGGREP Datasheet HTML 11Page - Texas Instruments SN65HVD09IDGGREP Datasheet HTML 12Page - Texas Instruments SN65HVD09IDGGREP Datasheet HTML 13Page - Texas Instruments SN65HVD09IDGGREP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
1.5V
1.5V
0V
0V
0V
0V
tPZH
tPHZ
tPZL
tPLZ
3V
0V
VOD(H)
∼ − 1V
∼ 1V
VOD(L)
Input,DE/RE
Output,VOD
Output,VOD
A at 3V
S1 to PD
A at 0V
S1 to PU
A
620 Ω
VT
Output
40pF
B +
B −
DE/RE
0Vor3V
3Vor0V
Input
CDEOishigh,CDE1,CDE2,BSR,and
arelow,
allothersareopen.
CRE
Includesprobeandjigcapacitance.
SN65HVD09-EP
SLLSEA3
– DECEMBER 2011
www.ti.com
Table 1. Enabling for Driver Enable and Disable Time
DRIVER
BSR
CDE0
CDE1
CDE2
CRE
1
–8
H
H
L
L
X
9
L
H
H
H
H
Figure 7. Driver Enable Time Waveforms
NOTES:
A.
All input pulses are supplied by a generator having the following characteristics: tr ≤ 6 ns, tf ≤ 6 ns, PRR ≤ 1 MHz,
duty cycle = 50%, ZO = 50 Ω.
B.
All resistances are in
Ω and ±5%, unless otherwise indicated.
C. All capacitances are in pF and
±10%, unless otherwise indicated.
D. All indicated voltages are
±10 mV.
Figure 8. Receiver Enable and Disable Time Test Circuit
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :SN65HVD09-EP


Similar Part No. - SN65HVD09IDGGREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD09 TI-SN65HVD09 Datasheet
606Kb / 25P
[Old version datasheet]   9-CHANNEL RS-422 / RS-485 TRANSCEIVER
SN65HVD09DGG TI-SN65HVD09DGG Datasheet
606Kb / 25P
[Old version datasheet]   9-CHANNEL RS-422 / RS-485 TRANSCEIVER
SN65HVD09DGGR TI-SN65HVD09DGGR Datasheet
606Kb / 25P
[Old version datasheet]   9-CHANNEL RS-422 / RS-485 TRANSCEIVER
More results

Similar Description - SN65HVD09IDGGREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD09 TI-SN65HVD09 Datasheet
606Kb / 25P
[Old version datasheet]   9-CHANNEL RS-422 / RS-485 TRANSCEIVER
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
logo
Texas Instruments
DS96176 TI1-DS96176_15 Datasheet
820Kb / 13P
[Old version datasheet]   RS-485/RS-422 Differential Bus Transceiver
logo
STMicroelectronics
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
   Low power RS-485/RS-422 transceiver
logo
National Semiconductor ...
DS96176 NSC-DS96176 Datasheet
344Kb / 12P
   RS-485/RS-422 Differential Bus Transceiver
logo
STMicroelectronics
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
   LOW POWER RS-485/RS-422 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com