Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1940N Datasheet(PDF) 2 Page - Sony Corporation

Part # CXA1940N
Description  4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1940N Datasheet(HTML) 2 Page - Sony Corporation

  CXA1940N Datasheet HTML 1Page - Sony Corporation CXA1940N Datasheet HTML 2Page - Sony Corporation CXA1940N Datasheet HTML 3Page - Sony Corporation CXA1940N Datasheet HTML 4Page - Sony Corporation CXA1940N Datasheet HTML 5Page - Sony Corporation CXA1940N Datasheet HTML 6Page - Sony Corporation CXA1940N Datasheet HTML 7Page - Sony Corporation CXA1940N Datasheet HTML 8Page - Sony Corporation CXA1940N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
—2—
CXA1940N
Structure
Bipolar silicon monolithic IC
Function
Read, Write and Write unsafe detection for HDD, Power supply
ON/OFF detection.
Absolute Maximum Rating (Ta=25°C)
• Supply voltage
VCC
7V
• Write current
IW
25
mAo-p
• Operating temperature
Topr
–20 to +75
°C
• Storage temperature
Tstg
–55 to +150
°C
• Allowable power dissipation
PD
375
mW
Recommended Operating Conditions
• Supply voltage
VCC
5V±10
%
• Write current
IW
5 to 20
mAo-p


Similar Part No. - CXA1940N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1946 SONY-CXA1946 Datasheet
367Kb / 24P
   Electronic Volume
CXA1946 SONY-CXA1946 Datasheet
365Kb / 23P
   Electronic Volume
CXA1946 SONY-CXA1946 Datasheet
419Kb / 23P
   Electronic Volume
CXA1946AQ SONY-CXA1946AQ Datasheet
367Kb / 24P
   Electronic Volume
CXA1946AR SONY-CXA1946AR Datasheet
367Kb / 24P
   Electronic Volume
More results

Similar Description - CXA1940N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3092N SONY-CXA3092N Datasheet
192Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3170AN SONY-CXA3170AN Datasheet
232Kb / 18P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3188N SONY-CXA3188N Datasheet
209Kb / 16P
   2ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3171N SONY-CXA3171N Datasheet
230Kb / 18P
   4ch. Read/Write Amplifier for three terminal MIG Head of Hard Disk Drive
CXA1829N SONY-CXA1829N Datasheet
264Kb / 15P
   8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive
CXA3541N SONY-CXA3541N Datasheet
190Kb / 17P
   2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
logo
Hitachi Semiconductor
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
   Read/Write IC for Hard Disk Drive
logo
Sony Corporation
CXA3238TN SONY-CXA3238TN Datasheet
333Kb / 27P
   6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com