Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5LN01C-TB-H Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 5LN01C-TB-H
Description  General-Purpose Switching Device Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

5LN01C-TB-H Datasheet(HTML) 1 Page - Sanyo Semicon Device

  5LN01C-TB-H Datasheet HTML 1Page - Sanyo Semicon Device 5LN01C-TB-H Datasheet HTML 2Page - Sanyo Semicon Device 5LN01C-TB-H Datasheet HTML 3Page - Sanyo Semicon Device 5LN01C-TB-H Datasheet HTML 4Page - Sanyo Semicon Device 5LN01C-TB-H Datasheet HTML 5Page - Sanyo Semicon Device 5LN01C-TB-H Datasheet HTML 6Page - Sanyo Semicon Device 5LN01C-TB-H Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
5LN01C
No.6555-1/7
Features
Low ON-resistance
Ultrahigh-speed switching
2.5V drive
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
50
V
Gate-to-Source Voltage
VGSS
±10
V
Drain Current (DC)
ID
0.1
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
0.4
A
Allowable Power Dissipation
PD
0.25
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
This product is designed to “ESD immunity < 200V
*”, so please take care when handling.
* Machine Model
Package Dimensions
unit : mm (typ)
7013A-013
Ordering number : EN6555B
62712 TKIM/33106PE MSIM TB-00002196/71400 TSIM TA-2050
5LN01C
N-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
http://semicon.sanyo.com/en/network
Product & Package Information
• Package
: CP
• JEITA, JEDEC
: SC-59, TO-236, SOT-23, TO-236AB
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TB
Marking
Electrical Connection
SANYO Semiconductors
DATA SHEET
1 : Gate
2 : Source
3 : Drain
SANYO : CP
12
3
2.9
0.95
0.4
0.1
5LN01C-TB-E
5LN01C-TB-H
TB
YB
1
2
3


Similar Part No. - 5LN01C-TB-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
5LN01C-TB-H ONSEMI-5LN01C-TB-H Datasheet
263Kb / 6P
   N-Channel Small Signal MOSFET
June, 2013
More results

Similar Description - 5LN01C-TB-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com