Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50A02CH Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 50A02CH
Description  Low-Frequency General-Purpose Amplifi er Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

50A02CH Datasheet(HTML) 4 Page - Sanyo Semicon Device

  50A02CH_12 Datasheet HTML 1Page - Sanyo Semicon Device 50A02CH_12 Datasheet HTML 2Page - Sanyo Semicon Device 50A02CH_12 Datasheet HTML 3Page - Sanyo Semicon Device 50A02CH_12 Datasheet HTML 4Page - Sanyo Semicon Device 50A02CH_12 Datasheet HTML 5Page - Sanyo Semicon Device 50A02CH_12 Datasheet HTML 6Page - Sanyo Semicon Device 50A02CH_12 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
50A02CH
No.7487-4/7
Ambient Temperature, Ta --
°C
PC -- Ta
0
0
0
IT05047
100
200
300
600
400
500
700
800
40
20
100
120
60
80
140
160
Mounted
on
a
ceramic
board
(600mm
2
0.8mm)
Collector Current, IC -- mA
IT05121
--1.0
f T -- IC
2
3
57
2
3
57
2
3
57
--10
--100
--1000
100
1000
5
7
2
3
VCE= --10V
f=1MHz
--0.1
0.1
Base Current, IB -- mA
Ron -- IB
IT06093
7
5
3
2
10
7
5
3
2
7
5
3
2
1.0
100
3
2
57
3
2
57
--1.0
--10
OUT
IN
1k
Ω
1k
Ω
IB


Similar Part No. - 50A02CH_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
50A02CH SANYO-50A02CH_10 Datasheet
71Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
logo
ON Semiconductor
50A02CH ONSEMI-50A02CH_16 Datasheet
304Kb / 5P
   Bipolar Transistor
April 2016 - Rev. 2
More results

Similar Description - 50A02CH_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
12A02MH-TL-E SANYO-12A02MH-TL-E Datasheet
473Kb / 6P
   Low-Frequency General-Purpose Amplifi er Applications
30C02MH-TL-E SANYO-30C02MH-TL-E Datasheet
477Kb / 6P
   Low-Frequency General-Purpose Amplifi er Applications
30C02MH SANYO-30C02MH Datasheet
247Kb / 4P
   Low-Frequency General-Purpose Amplifi er Applications
2SA1705 SANYO-2SA1705_12 Datasheet
482Kb / 6P
   Low-Frequency Power Amplifi er Applications
2SK932 SANYO-2SK932_12 Datasheet
335Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
2SK3557 SANYO-2SK3557_12 Datasheet
408Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
TF408 SANYO-TF408 Datasheet
337Kb / 4P
   N-Channel Silicon Junction FET Low-Frequency General-Purpose Amplifi er, Impedance Converter Applications
2SC4853A SANYO-2SC4853A_12 Datasheet
463Kb / 8P
   Low-Voltage, Low-Current High-Frequency Amplifi er Applications
CPH5905 SANYO-CPH5905_12 Datasheet
534Kb / 8P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifi er Applications
15GN01MA SANYO-15GN01MA_12 Datasheet
415Kb / 7P
   VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifi er Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com