Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC180IDRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC180IDRQ1
Description  LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC180IDRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LBC180IDRQ1 Datasheet HTML 2Page - Texas Instruments SN65LBC180IDRQ1 Datasheet HTML 3Page - Texas Instruments SN65LBC180IDRQ1 Datasheet HTML 4Page - Texas Instruments SN65LBC180IDRQ1 Datasheet HTML 5Page - Texas Instruments SN65LBC180IDRQ1 Datasheet HTML 6Page - Texas Instruments SN65LBC180IDRQ1 Datasheet HTML 7Page - Texas Instruments SN65LBC180IDRQ1 Datasheet HTML 8Page - Texas Instruments SN65LBC180IDRQ1 Datasheet HTML 9Page - Texas Instruments SN65LBC180IDRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SN65LBC180Q1
LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIR
SGLS251A − JULY 2004 − REVISED JUNE 2008
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
RECEIVER SECTION
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT +
Positive-going input threshold voltage
IO = − 8 mA
0.2
V
VIT −
Negative-going input threshold voltage
IO = 8 mA
− 0.2
V
Vhys
Hysteresis voltage ( VIT + − VIT −)
45
mV
VIK
Enable-input clamp voltage
II = − 18 mA
− 1.5
V
VOH
High-level output voltage
VID = 200 mV,
IOH = − 8 mA
3.5
4.5
V
VOL
Low-level output voltage
VID = − 200 mV,
IOL = 8 mA
0.3
0.5
V
IOZ
High-impedance-state output current
VO = 0 V to VCC
±20
µA
IIH
High-level enable-input current
VIH = 2.4 V
−50
µA
IIL
Low-level enable-input current
VIL = 0.4 V
− 100
µA
VI = 12 V,
Other input at 0 V
VCC = 5 V,
0.7
1
II
Bus input current
VI = 12 V,
Other input at 0 V
VCC = 0 V,
0.8
1
mA
II
Bus input current
VI = − 7 V,
Other input at 0 V
VCC = 5 V,
− 0.5
− 0.8
mA
VI = − 7 V,
Other input at 0 V
VCC = 0 V,
− 0.5
− 0.8
ICC
Supply current
Driver disabled
Outputs enabled
5
mA
ICC
Supply current
Driver disabled
Outputs disabled
3
mA
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPHL
Propagation delay time, high- to low-level output
11
22
33
ns
tPLH
Propagation delay time, low- to high-level output
VID = −1.5 V to 1.5 V,
See Figure 6
11
22
33
ns
tsk(p)
Pulse skew (
 tPHL − tPLH)
VID = −1.5 V to 1.5 V,
See Figure 6
3
6
ns
tt
Transition time
5
8
ns
tPZH
Output enable time to high level
35
ns
tPZL
Output enable time to low level
See Figure 7
30
ns
tPHZ
Output disable time from high level
See Figure 7
35
ns
tPLZ
Output disable time from low level
30
ns


Similar Part No. - SN65LBC180IDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI-SN65LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI1-SN65LBC180A Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180AD TI-SN65LBC180AD Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180AD TI1-SN65LBC180AD Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results

Similar Description - SN65LBC180IDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS8921 TI1-DS8921_15 Datasheet
1Mb / 20P
[Old version datasheet]   Differential Line Driver and Receiver Pair
logo
National Semiconductor ...
DS8921 NSC-DS8921 Datasheet
244Kb / 8P
   Differential Line Driver and Receiver Pair
DS89C21 NSC-DS89C21 Datasheet
78Kb / 6P
   Differential CMOS Line Driver and Receiver Pair
logo
Texas Instruments
DS8921 TI1-DS8921_V01 Datasheet
1Mb / 21P
[Old version datasheet]   DS8921x Differential Line Driver and Receiver Pair
DS89C21 TI1-DS89C21_14 Datasheet
759Kb / 13P
[Old version datasheet]   Differential CMOS Line Driver and Receiver Pair
logo
Linear Technology
LTC491 LINER-LTC491 Datasheet
236Kb / 12P
   Differential Driver and Receiver Pair
LTC490 LINER-LTC490_04 Datasheet
165Kb / 12P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_10 Datasheet
870Kb / 15P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75179B TI-SN75179B Datasheet
140Kb / 9P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC490 LINER-LTC490_15 Datasheet
174Kb / 12P
   Differential Driver and Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com