Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS84AQ-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS84AQ-Q1
Description  FlatLink??TRANSMITTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS84AQ-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  SN65LVDS84AQ-Q1 Datasheet HTML 1Page - Texas Instruments SN65LVDS84AQ-Q1 Datasheet HTML 2Page - Texas Instruments SN65LVDS84AQ-Q1 Datasheet HTML 3Page - Texas Instruments SN65LVDS84AQ-Q1 Datasheet HTML 4Page - Texas Instruments SN65LVDS84AQ-Q1 Datasheet HTML 5Page - Texas Instruments SN65LVDS84AQ-Q1 Datasheet HTML 6Page - Texas Instruments SN65LVDS84AQ-Q1 Datasheet HTML 7Page - Texas Instruments SN65LVDS84AQ-Q1 Datasheet HTML 8Page - Texas Instruments SN65LVDS84AQ-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Switching Characteristics
1
7
tc * 0.2
1
7
tc ) 0.2
2
7
tc * 0.2
2
7
tc ) 0.2
3
7
tc * 0.2
3
7
tc ) 0.2
4
7
tc * 0.2
4
7
tc ) 0.2
5
7
tc * 0.2
5
7
tc ) 0.2
6
7
tc * 0.2
6
7
tc ) 0.2
Output skew, tn *
n
7
tc
4
7
tc
SN65LVDS84AQ-Q1
www.ti.com........................................................................................................................................................ SLLS766A – AUGUST 2006 – REVISED APRIL 2008
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Delay time, CLKOUT
↑ to
td0
–0.2
0.2
serial bit position 0
Delay time, CLKOUT
↑ to
td1
serial bit position 1
Delay time, CLKOUT
↑ to
td2
serial bit position 2
tc = 15.38 ns (±0.2%),
Delay time, CLKOUT
↑ to
ns
td3
|Input clock jitter| < 50 ps(2), See Figure 6
serial bit position 3
Delay time, CLKOUT
↑ to
td4
serial bit position 4
Delay time, CLKOUT
↑ to
td5
serial bit position 5
Delay time, CLKOUT
↑ to
td6
serial bit position 6
tsk(o)
–0.2
0.2
ns
tc = 15.38 ns (±0.2%),
|Input clock jitter| < 50 ps(2),
2.7
See Figure 6
Delay time, CLKIN
↓ to
td7
ns
CLKOUT
tc = 13.33 ns ~ 32.25 ns (±0.2%),
|Input clock jitter| < 50 ps(2),
1
4.5
See Figure 6
tc = 15.38 + 0.308 sin(2π500E3t) ± 0.05 ns,
±62
See Figure 7
Cycle time, output clock
Δtc(o)
ps
jitter(3)
tc = 15.38 + 0.308 sin(2π3E6t) ±0.05 ns,
±121
See Figure 7
Pulse duration, high-level
tw
ns
output clock
Transition time,
tt
differential output voltage
See Figure 3
700
1500
ps
(tr or tf)
Enable time, SHTDN
↑ to
ten
See Figure 8
1
ms
phase lock (Yn valid)
Disable time, SHTDN
↓ to
tdis
See Figure 9
6.5
ns
off state (CLKOUT low)
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
|Input clock jitter| is the magnitude of the change in the input clock period.
(3)
Output clock jitter is the change in the output clock period from one cycle to the next cycle observed over 15000 cycles.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN65LVDS84AQ-Q1


Similar Part No. - SN65LVDS84AQ-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS84AQ TI-SN65LVDS84AQ Datasheet
243Kb / 16P
[Old version datasheet]   FLATLINK TRANSMITTER
SN65LVDS84AQDGG TI-SN65LVDS84AQDGG Datasheet
243Kb / 16P
[Old version datasheet]   FLATLINK TRANSMITTER
SN65LVDS84AQDGG TI1-SN65LVDS84AQDGG Datasheet
546Kb / 17P
[Old version datasheet]   FLATLINK田?TRANSMITTER
SN65LVDS84AQDGGR TI-SN65LVDS84AQDGGR Datasheet
243Kb / 16P
[Old version datasheet]   FLATLINK TRANSMITTER
SN65LVDS84AQDGGR TI1-SN65LVDS84AQDGGR Datasheet
546Kb / 17P
[Old version datasheet]   FLATLINK田?TRANSMITTER
More results

Similar Description - SN65LVDS84AQ-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS83B TI1-SN75LVDS83B_17 Datasheet
1Mb / 43P
[Old version datasheet]   FlatLink Transmitter
SN65LVDS93A-Q1 TI1-SN65LVDS93A-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   FlatLink Transmitter
SN65LVDS93A TI-SN65LVDS93A Datasheet
686Kb / 25P
[Old version datasheet]   FLATLINK TRANSMITTER
SN75LVDS83C TI1-SN75LVDS83C_17 Datasheet
1Mb / 29P
[Old version datasheet]   FLATLINK TRANSMITTER
SN75LVDS83C TI1-SN75LVDS83C Datasheet
854Kb / 26P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83DGGR TI-SN75LVDS83DGGR Datasheet
701Kb / 21P
[Old version datasheet]   FlatLink TRANSMITTER
SN75LVDS83A TI1-SN75LVDS83A Datasheet
781Kb / 25P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83B TI-SN75LVDS83B Datasheet
870Kb / 28P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS84A TI-SN75LVDS84A_07 Datasheet
243Kb / 16P
[Old version datasheet]   FLATLINK TRANSMITTER
SN65LVDS84A TI1-SN65LVDS84A Datasheet
546Kb / 17P
[Old version datasheet]   FLATLINK田?TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com