Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA1547A Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # ENA1547A
Description  General-Purpose Switching Device Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1547A Datasheet(HTML) 4 Page - Sanyo Semicon Device

  ENA1547A Datasheet HTML 1Page - Sanyo Semicon Device ENA1547A Datasheet HTML 2Page - Sanyo Semicon Device ENA1547A Datasheet HTML 3Page - Sanyo Semicon Device ENA1547A Datasheet HTML 4Page - Sanyo Semicon Device ENA1547A Datasheet HTML 5Page - Sanyo Semicon Device ENA1547A Datasheet HTML 6Page - Sanyo Semicon Device ENA1547A Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ATP201
No. A1547-4/7
A S O
VGS -- Qg
PD -- Tc
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V
Case Temperature, Tc --
°C
EAS -- Ta
Ambient Temperature, Ta --
°C
0
0
25
50
75
100
125
150
100
80
60
20
40
120
175
IT14011
IT14968
0.1
1.0
2
3
5
7
2
10
3
2
5
7
2
0.1
IDP=105A
ID=35A
100
μs
10ms
100ms
Tc=25
°C
Single pulse
IT14967
04
16
12
20
8
214
18
10
6
0
2
4
6
1
3
5
8
7
9
10
VDS=15V
ID=35A
1.0
23
5 7
2
10
35 7
2
0
0
20
40
60
80
100
120
140
160
30
35
25
15
20
10
5
IT14969
10
μs
35
100
3
5
7
Operation in
this area is
limited by RDS(on).
PW
≤10μs


Similar Part No. - ENA1547A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1543A SANYO-ENA1543A Datasheet
462Kb / 7P
   General-Purpose Switching Device Applications
ENA1548A SANYO-ENA1548A Datasheet
506Kb / 6P
   High-Frequency Low-Noise Amplifier
More results

Similar Description - ENA1547A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com