Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS95-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS95-Q1
Description  LVDS SERDES TRANSMITTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS95-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65LVDS95-Q1 Datasheet HTML 6Page - Texas Instruments SN65LVDS95-Q1 Datasheet HTML 7Page - Texas Instruments SN65LVDS95-Q1 Datasheet HTML 8Page - Texas Instruments SN65LVDS95-Q1 Datasheet HTML 9Page - Texas Instruments SN65LVDS95-Q1 Datasheet HTML 10Page - Texas Instruments SN65LVDS95-Q1 Datasheet HTML 11Page - Texas Instruments SN65LVDS95-Q1 Datasheet HTML 12Page - Texas Instruments SN65LVDS95-Q1 Datasheet HTML 13Page - Texas Instruments SN65LVDS95-Q1 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SN65LVDS95Q1
LVDS SERDES TRANSMITTER
SGLS207A − OCTOBER 2003 − REVISED MAY 2008
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
16-bit bus extension
In a 16-bit bus application (Figure 10), TTL data and clock coming from bus transceivers that interface the
backplane bus arrive at the Tx parallel inputs of the LVDS serdes transmitter. The clock associated with the bus
is also connected to the device. The on-chip PLL synchronizes this clock with the parallel data at the input. The
data is then multiplexed into three different line drivers which perform the TTL to LVDS conversion. The clock
is also converted to LVDS and presented to a separate driver. This synchronized LVDS data and clock at the
receiver, which recovers the LVDS data and clock, performs a conversion back to TTL. Data is then
demultiplexed into a parallel format. An on-chip PLL synchronizes the received clock with the parallel data, and
then all are presented to the parallel output port of the receiver.
SN74FB2032
8
D0−D7
8
D8−D15
SN65LVDS95
LVDS
Interface
0 To 10 Meters
(Media Dependent)
TTL
Interface
16-Bit
BTL Bus
Interface
CLK
Backplane
Bus
8
D0−D7
8 D8−D15
CLK
Backplane
Bus
TTL
Interface
16-Bit
BTL Bus
Interface
XMIT Clock
RCV Clock
SN74FB2032
SN65LVDS96
SN74FB2032
SN74FB2032
Figure 10. 16-Bit Bus Extension
16-bit bus extension with parity
In the previous application we did not have a checking bit that would provide assurance that the data crosses
the link. If we add a parity bit to the previous example, we would have a diagram similar to the one in Figure 11.
The device following the SN74FB2032 is a low cost parity generator. Each transmit-side transceiver/parity
generator takes the LVTTL data from the corresponding transceiver, performs a parity calculation over the byte,
and then passes the bits with its calculated parity value on the parallel input of the LVDS serdes transmitter.
Again, the on-chip PLL synchronizes this transmit clock with the eighteen parallel bits (16 data + 2 parity) at the
input. The synchronized LVDS data/parity and clock arrive at the receiver.
The receiver performs the conversion from LVDS to LVTTL and the transceiver/parity generator performs the
parity calculations. These devices compare their corresponding input bytes with the value received on the parity
bit. The transceiver/parity generator will assert its parity error output if a mismatch is detected.


Similar Part No. - SN65LVDS95-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS95-EP TI1-SN65LVDS95-EP Datasheet
364Kb / 15P
[Old version datasheet]   LVDS SERDES TRANSMITTER
More results

Similar Description - SN65LVDS95-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS93 TI-SN65LVDS93 Datasheet
192Kb / 14P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95-EP TI1-SN65LVDS95-EP Datasheet
364Kb / 15P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95DGGR TI-SN65LVDS95DGGR Datasheet
454Kb / 18P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95 TI-SN65LVDS95 Datasheet
177Kb / 13P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS93 TI1-SN65LVDS93_15 Datasheet
838Kb / 19P
[Old version datasheet]   LVDS SERDES TRANSMITTER
logo
THine Electronics, Inc.
THCV213 THINE-THCV213 Datasheet
39Kb / 1P
   LVDS SerDes transmitter and receiver
THCV213 THINE-THCV213_14 Datasheet
954Kb / 19P
   LVDS SerDes transmitter and receiver
logo
Texas Instruments
SN65LVDS96 TI-SN65LVDS96 Datasheet
188Kb / 14P
[Old version datasheet]   LVDS SERDES RECEIVER
SN65LVDS94 TI-SN65LVDS94 Datasheet
190Kb / 14P
[Old version datasheet]   LVDS SERDES RECEIVER
SN65LVDS94DGGG4 TI-SN65LVDS94DGGG4 Datasheet
457Kb / 17P
[Old version datasheet]   LVDS SERDES RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com