Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTCALUG02A103FL Datasheet(PDF) 5 Page - Vishay Siliconix

Part # NTCALUG02A103FL
Description  NTC Thermistors, Low Thermal Gradient Lug Sensors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCALUG02A103FL Datasheet(HTML) 5 Page - Vishay Siliconix

  NTCALUG02A103FL Datasheet HTML 1Page - Vishay Siliconix NTCALUG02A103FL Datasheet HTML 2Page - Vishay Siliconix NTCALUG02A103FL Datasheet HTML 3Page - Vishay Siliconix NTCALUG02A103FL Datasheet HTML 4Page - Vishay Siliconix NTCALUG02A103FL Datasheet HTML 5Page - Vishay Siliconix NTCALUG02A103FL Datasheet HTML 6Page - Vishay Siliconix NTCALUG02A103FL Datasheet HTML 7Page - Vishay Siliconix NTCALUG02A103FL Datasheet HTML 8Page - Vishay Siliconix NTCALUG02A103FL Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NTCALUG02A Series
www.vishay.com
Vishay BCcomponents
Revision: 02-Aug-12
5
Document Number: 29094
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTCALUG02A103G
NTC LUG02A 10K 2 % 3984 K 0.5 %
RESISTANCE TEMPERATURE CHARACTERISTICS
TEMP.
(°C)
R(T)/R25
RESISTANCE
(
)
R/R
(%)
(%/K)
T
(K)
Rmin.
(
)
Rmax.
(
)
- 40
33.43
334 274
3.90
- 6.63
0.59
321 238
347 311
- 35
24.13
241 323
3.72
- 6.41
0.58
232 353
250 293
- 30
17.61
176 133
3.54
- 6.19
0.57
169 895
182 370
- 25
12.99
129 900
3.37
- 5.99
0.56
125 518
134 282
- 20
9.68
96 761
3.21
- 5.79
0.55
93 654
99 869
- 15
7.276
72 765
3.06
- 5.61
0.54
70 541
74 988
- 10
5.522
55 218
2.91
- 5.43
0.54
53 613
56 823
- 5
4.227
42 268
2.76
- 5.26
0.53
41 100
43 435
0
3.262
32 624
2.62
- 5.10
0.51
31 768
33 480
5
2.538
25 381
2.49
- 4.94
0.50
24 749
26 013
10
1.990
19 897
2.36
- 4.80
0.49
19 427
20 367
15
1.571
15 711
2.24
- 4.65
0.48
15 360
16 063
20
1.249
12 493
2.12
- 4.52
0.47
12 228
12 757
25
1.000
10 000
2.00
- 4.39
0.46
9800
10 200
30
0.8056
8056
2.11
- 4.26
0.50
7886
8226
35
0.6530
6530
2.22
- 4.14
0.54
6385
6675
40
0.5324
5324
2.33
- 4.03
0.58
5200
5448
45
0.4365
4365
2.43
- 3.92
0.62
4259
4471
50
0.3599
3599
2.53
- 3.81
0.66
3508
3690
55
0.2982
2982
2.62
- 3.71
0.71
2904
3060
60
0.2484
2484
2.72
- 3.61
0.75
2416
2551
65
0.2079
2079
2.81
- 3.51
0.80
2020
2137
70
0.1748
1748
2.89
- 3.42
0.85
1697
1798
75
0.1476
1476
2.98
- 3.34
0.89
1432
1520
80
0.1252
1252
3.06
- 3.25
0.94
1213
1290
85
0.1066
1066
3.14
- 3.17
0.99
1033
1100
90
0.09116
911.6
3.22
- 3.09
1.04
882.2
940.9
95
0.07825
782.5
3.30
- 3.02
1.09
756.7
808.2
100
0.06741
674.1
3.37
- 2.94
1.14
651.4
696.8
105
0.05828
582.8
3.44
- 2.87
1.20
562.8
602.9
110
0.05057
505.7
3.51
- 2.81
1.25
487.9
523.4
115
0.04402
440.2
3.58
- 2.74
1.31
424.4
455.9
120
0.03844
384.4
3.65
- 2.68
1.36
370.4
398.4
125
0.03367
336.7
3.71
- 2.62
1.42
324.2
349.2


Similar Part No. - NTCALUG02A103FL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCALUG02A103FL VISHAY-NTCALUG02A103FL Datasheet
129Kb / 10P
   NTC Thermistors, Low Thermal Gradient Lug Sensors
Revision: 17-Nov-17
More results

Similar Description - NTCALUG02A103FL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCALUG02A VISHAY-NTCALUG02A_V01 Datasheet
109Kb / 3P
   NTC Thermistors, Low Thermal Gradient Lug Sensors
01-Jan-2022
NTCALUG02A VISHAY-NTCALUG02A_17 Datasheet
129Kb / 10P
   NTC Thermistors, Low Thermal Gradient Lug Sensors
Revision: 17-Nov-17
NTCALUG01A VISHAY-NTCALUG01A_V01 Datasheet
110Kb / 3P
   NTC Thermistors, Standard Lug Sensors
01-Jan-2022
NTCALUG01A VISHAY-NTCALUG01A Datasheet
85Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 08-Aug-12
NTCALUG01A VISHAY-NTCALUG01A_18 Datasheet
90Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 12-Oct-2018
NTCALUG03 VISHAY-NTCALUG03 Datasheet
127Kb / 7P
   NTC Thermistors, Mini Lug Sensors
Revision: 16-Sep-10
NTCALUG03 VISHAY-NTCALUG03_11 Datasheet
117Kb / 7P
   NTC Thermistors, Mini Lug Sensors
Revision: 12-Apr-11
NTCALUG01T VISHAY-NTCALUG01T_19 Datasheet
90Kb / 3P
   NTC Thermistors, Standard Lug Sensors, 150 °C
Revision: 30-Jan-2019
NTCALUG01A VISHAY-NTCALUG01A_17 Datasheet
91Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 17-Nov-17
NTCALUG91A VISHAY-NTCALUG91A Datasheet
108Kb / 3P
   NTC Thermistors, Standard Lug Sensors
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com