Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS180MPWREP Datasheet(PDF) 9 Page - Texas Instruments

Part # SN65LVDS180MPWREP
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS180MPWREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65LVDS180MPWREP Datasheet HTML 5Page - Texas Instruments SN65LVDS180MPWREP Datasheet HTML 6Page - Texas Instruments SN65LVDS180MPWREP Datasheet HTML 7Page - Texas Instruments SN65LVDS180MPWREP Datasheet HTML 8Page - Texas Instruments SN65LVDS180MPWREP Datasheet HTML 9Page - Texas Instruments SN65LVDS180MPWREP Datasheet HTML 10Page - Texas Instruments SN65LVDS180MPWREP Datasheet HTML 11Page - Texas Instruments SN65LVDS180MPWREP Datasheet HTML 12Page - Texas Instruments SN65LVDS180MPWREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.ti.com
VOC
Z
Y
Input
CL = 10 pF
(2 Places)
3 V
0 V
VOC(PP)
VOC(SS)
VOC
49.9
Ω, ±1% (2 Places)
Driver Enable
1.2 V
Z
Y
0.8 V or 2 V
49.9
Ω, ±1% (2 Places)
CL = 10 pF
(2 Places)
DE
VOY
VOZ
2 V
0.8 V
tdis
ten
tdis
ten
1.4 V
~1.4 V
1.2 V
1.25 V
1.2 V
~1 V
1.15 V
DE
VOY or VOZ
VOZ or VOY
D at 2 V and input to DE
D at 0.8 V and input to DE
SN65LVDS179-EP
,, SN65LVDS180-EP
SN65LVDS050-EP, SN65LVDS051-EP
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SGLS203B – SEPTEMBER 2003 – REVISED JANUARY 2007
PARAMETER MEASUREMENT INFORMATION (continued)
A.
All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, pulse repetition rate
(PRR) = 50 Mpps, pulse width = 10
± 0.2 ns. C
L includes instrumentation and fixture capacitance within 0,06 mm of
the D.U.T. The measurement of VOC(PP) is made on test equipment with a –3-dB bandwidth of at least 300 MHz.
Figure 3. Test Circuit and Definitions for the Driver Common-Mode Output Voltage
A.
All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, pulse repetition rate
(PRR) = 0.5 Mpps, pulse width = 500
± 10 ns. C
L includes instrumentation and fixture capacitance within 0,06 mm of
the D.U.T.
Figure 4. Enable and Disable Time Circuit and Definitions
9
Submit Documentation Feedback


Similar Part No. - SN65LVDS180MPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS180 TI-SN65LVDS180 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS180 TI-SN65LVDS180 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS180 TI-SN65LVDS180 Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS180 TI1-SN65LVDS180 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS180-Q1 TI1-SN65LVDS180-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - SN65LVDS180MPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179 TI-SN65LVDS179 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179_0705 TI-SN65LVDM179_0705 Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1 TI1-SN65LVDS1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed Differential Line Drivers and Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com