Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKL15Z128TLK4(R) Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MKL15Z128TLK4(R)
Description  Supports all KL14 and KL15 devices
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MKL15Z128TLK4(R) Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MKL15Z128TLK4(R) Datasheet HTML 2Page - Freescale Semiconductor, Inc MKL15Z128TLK4(R) Datasheet HTML 3Page - Freescale Semiconductor, Inc MKL15Z128TLK4(R) Datasheet HTML 4Page - Freescale Semiconductor, Inc MKL15Z128TLK4(R) Datasheet HTML 5Page - Freescale Semiconductor, Inc MKL15Z128TLK4(R) Datasheet HTML 6Page - Freescale Semiconductor, Inc MKL15Z128TLK4(R) Datasheet HTML 7Page - Freescale Semiconductor, Inc MKL15Z128TLK4(R) Datasheet HTML 8Page - Freescale Semiconductor, Inc MKL15Z128TLK4(R) Datasheet HTML 9Page - Freescale Semiconductor, Inc MKL15Z128TLK4(R) Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Features
4.1 Feature Summary
All devices within the KL14 and KL15 family features the following at a minimum:
Table 1. Common features among all KL14 and KL15 devices
Operating characteristics
• 1.71 V to 3.6 V
• Temperature range (TA) -40°C to 105°C
• Flexible modes of operation
Core features
• Next generation 32-bit ARM Cortex M0+ core
• Support up to 32 interrupt request sources
• Nested vectored interrupt controller (NVIC)
• Debug & trace capability
• 2-pin serial wire debug (SWD)
• Micro trace buffer (MTB)
System and power management
• Software watchdog
• Integrated bit manipulation engine (BME)
• DMA controller
• Low-leakage wake-up unit (LLWU)
• Power management controller with 10 different power
modes
• Non-maskable interrupt (NMI)
• 80-bit unique identification (ID) number per chip
Clocks
• External crystal oscillator or resonator
• DC- 48 MHz external square wave input clock
• Internal clock references
• 31.25 to 39.063 kHz oscillator
• 4 MHz oscillator
• 1 kHz oscillator
• Frequency-locked loop with the range of
• 20-25 MHz
• 40-48 MHz
Memory and memory interfaces
• Up to 128 KB with 64 byte flash cache for KL15 and up
to 64 KB with 64 byte flash cache for KL14
• Up to 16 KB random-access memory for KL15 and up
to 8 KB RAM for KL14
Security and integrity
• COP watchdog
Analog
• 12-bit analog-to-digital converter( ADC) for KL14 and
16-bit ADC with DP channel for KL15
• High speed comparator (HSCMP)with internal 6-bit
digital-to-analog converter (DAC)
• 12-bit digital-to-analog converter (DAC) for KL15
Timers
• One 6-channel and two 2-channel 16-bit TPM modules
• 32-bit Programmable interrupt timer (PIT)
• Real-time clock (SRTC)
• Low-power timer (LPTMR)
• System tick timer (SYSTIK)
Table continues on the next page...
4
Features
KL14/KL15 Product Brief, Rev. 2, 6/2012
6
Preliminary
Freescale Semiconductor, Inc.
General Business Information


Similar Part No. - MKL15Z128TLK4(R)

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MKL15Z1284 FREESCALE-MKL15Z1284 Datasheet
397Kb / 2P
   Ultra-low-power, entry-level MCUs
logo
NXP Semiconductors
MKL15Z128CAD4R NXP-MKL15Z128CAD4R Datasheet
1Mb / 52P
   Kinetis KL15 Sub-Family
Rev 5 08/2014
logo
Freescale Semiconductor...
MKL15Z128VFM4 FREESCALE-MKL15Z128VFM4 Datasheet
1Mb / 52P
   KL15 Sub-Family Data Sheet
logo
NXP Semiconductors
MKL15Z128VFM4 NXP-MKL15Z128VFM4 Datasheet
1Mb / 57P
   Kinetis KL15 Sub-Family
Rev 5 08/2014
logo
Freescale Semiconductor...
MKL15Z128VFT4 FREESCALE-MKL15Z128VFT4 Datasheet
1Mb / 52P
   KL15 Sub-Family Data Sheet
More results

Similar Description - MKL15Z128TLK4(R)

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MKL04Z16VFK4 FREESCALE-MKL04Z16VFK4 Datasheet
300Kb / 20P
   Supports all KL04 and KL05 devices
logo
NXP Semiconductors
KL15P35M48SF0 NXP-KL15P35M48SF0 Datasheet
1Mb / 52P
   Kinetis KL15 Sub-Family
Rev 5 08/2014
KL14P80M48SF0 NXP-KL14P80M48SF0 Datasheet
1Mb / 52P
   Kinetis KL14 Sub-Family
Rev 5 08/2014
logo
Lattice Semiconductor
GAL22V10D-15QPN LATTICE-GAL22V10D-15QPN Datasheet
718Kb / 23P
   All Devices Discontinued
GAL16V8D-25LJN LATTICE-GAL16V8D-25LJN Datasheet
767Kb / 26P
   All Devices Discontinued
GAL22V10D-10LPN LATTICE-GAL22V10D-10LPN Datasheet
718Kb / 23P
   All Devices Discontinued
logo
Freescale Semiconductor...
KL14P80M48SF0 FREESCALE-KL14P80M48SF0 Datasheet
1Mb / 47P
   KL14 Sub-Family Data Sheet
logo
NXP Semiconductors
KL15P80M48SF0 NXP-KL15P80M48SF0 Datasheet
1Mb / 57P
   Kinetis KL15 Sub-Family
Rev 5 08/2014
S32M2XX NXP-S32M2XX Datasheet
2Mb / 135P
   Supports S32M24x and S32M27x
Rev. 3 - 10/2023
MC56F80XXX NXP-MC56F80XXX_V01 Datasheet
1Mb / 71P
   Supports MC56F807xx and MC56F806xx
Rev. 2.1, 02/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com