Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16XV2T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BAS16XV2T1
Description  Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS16XV2T1 Datasheet(HTML) 1 Page - ON Semiconductor

  BAS16XV2T1_12 Datasheet HTML 1Page - ON Semiconductor BAS16XV2T1_12 Datasheet HTML 2Page - ON Semiconductor BAS16XV2T1_12 Datasheet HTML 3Page - ON Semiconductor BAS16XV2T1_12 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2011
October, 2011 − Rev. 6
1
Publication Order Number:
BAS16XV2T1/D
BAS16XV2T1,
BAS16XV2T5,
SBAS16XV2T1G
Switching Diode
Features
High−Speed Switching Applications
Lead Finish: 100% Matte Sn (Tin)
Qualified Reflow Temperature: 260°C
Extremely Small SOD−523 Package
AEC−Q101 Qualified and PPAP Capable
S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements
Pb−Free Packages are Available
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
VR
75
V
Continuous Forward Current
IF
200
mA
Peak Forward Surge Current
IFM(surge)
500
mA
Repetitive Peak Forward Current
IFRM
500
mA
Non−Repetitive Peak Forward Current
(Square Wave, TJ = 25°C prior to surge)
t = 1 ms
t = 1 ms
t = 1 s
IFSM
4.0
1.0
0.5
A
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings
are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation, (Note 1)
TA = 25°C
Derate above 25°C
PD
200
1.57
mW
mW/°C
Thermal Resistance, Junction−to−Ambient
RθJA
635
°C/W
Junction and Storage Temperature
TJ, Tstg
−55 to 150
°C
1. FR-5 Minimum Pad.
http://onsemi.com
1
CATHODE
2
ANODE
Device
Package
Shipping†
ORDERING INFORMATION
BAS16XV2T1
SOD−523
3000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SOD−523
CASE 502
PLASTIC
A6 = Specific Device Code
M = Date Code
G
= Pb−Free Package
MARKING
DIAGRAM
1
2
A6 MG
G
12
BAS16XV2T1G
SOD−523
(Pb−Free)
3000 / Tape & Reel
BAS16XV2T5G
SOD−523
(Pb−Free)
8000 / Tape & Reel
(Note: Microdot may be in either location)
SBAS16XV2T1G SOD−523
(Pb−Free)
3000 /T ape & Reel


Similar Part No. - BAS16XV2T1_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16XV2T1 ONSEMI-BAS16XV2T1_10 Datasheet
97Kb / 3P
   Switching Diode
September, 2010 ??Rev. 5
More results

Similar Description - BAS16XV2T1_12

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com