Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST280CHPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # ST280CHPBF
Description  Phase Control Thyristors (Hockey PUK Version), 500 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST280CHPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  ST280CHPBF_12 Datasheet HTML 1Page - Vishay Siliconix ST280CHPBF_12 Datasheet HTML 2Page - Vishay Siliconix ST280CHPBF_12 Datasheet HTML 3Page - Vishay Siliconix ST280CHPBF_12 Datasheet HTML 4Page - Vishay Siliconix ST280CHPBF_12 Datasheet HTML 5Page - Vishay Siliconix ST280CHPBF_12 Datasheet HTML 6Page - Vishay Siliconix ST280CHPBF_12 Datasheet HTML 7Page - Vishay Siliconix ST280CHPBF_12 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94401
6
Revision: 11-Aug-08
ST280CHPbF Series
Vishay High Power Products
Phase Control Thyristors
(Hockey PUK Version), 500 A
Fig. 11 - Gate Characteristics
ORDERING INFORMATION TABLE
0.1
1
10
100
0.001
0.01
0.1
1
Instantaneous Gate Current (A)
10
100
V
GD
I
GD
(b)
(a)
(1)
(2)
(3)
a) Recommended load line for
b) Recommended load line for
≤ 30 % rated dI/dt: 10 V, 10 Ω
Frequency limited by P
G(AV)
rated dI/dt: 20 V, 10
Ω; t
r ≤ 1 µs
t
r ≤ 1 µs
(1) P
GM = 10 W, tp = 4 ms
(2) P
GM = 20 W, tp = 2 ms
(3) P
GM = 40 W, tp = 1 ms
(4) P
GM = 60 W, tp = 0.66 ms
Device: ST280CH..C Series
Rectangular gate pulse
(4)
1
-
Thyristor
2
-
Essential part number
3
-
0 = Converter grade
4
5
-
Voltage code x 100 = VRRM (see Voltage Ratings table)
-
CH = Ceramic PUK, high temperature
6
-
C = PUK case TO-200AB (A-PUK)
7
-
0 = Eyelet terminals (gate and auxiliary cathode unsoldered leads)
8
-
Critical dV/dt:
9
-
Lead (Pb)-free
1 = Fast-on terminals (gate and auxiliary cathode unsoldered leads)
2 = Eyelet terminals (gate and auxiliary cathode soldered leads)
3 = Fast-on terminals (gate and auxiliary cathode soldered leads)
None = 500 V/µs (standard selection)
L = 1000 V/µs (special selection)
Device code
5
1
3
24
67
8
9
ST
28
0
CH
06
C
1
-
PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95074


Similar Part No. - ST280CHPBF_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST280CHPBF VISHAY-ST280CHPBF Datasheet
122Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 500 A
Revision: 11-Aug-08
More results

Similar Description - ST280CHPBF_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST280CHPBF VISHAY-ST280CHPBF Datasheet
122Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 500 A
Revision: 11-Aug-08
VS-ST280C VISHAY-VS-ST280C Datasheet
240Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 500 A
Revision: 16-Dec-13
VS-ST280C VISHAY-VS-ST280C_V01 Datasheet
219Kb / 8P
   Phase Control Thyristors(Hockey PUK Version), 500 A
01-Jan-2022
ST280CPBF VISHAY-ST280CPBF Datasheet
158Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 500 A
Revision: 11-Aug-08
VS-ST280CH VISHAY-VS-ST280CH_V01 Datasheet
202Kb / 8P
   Phase Control Thyristors(Hockey PUK Version), 500 A
01-Jan-2022
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com