Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST330SPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # ST330SPBF
Description  Phase Control Thyristors (Stud Version), 330 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST330SPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  ST330SPBF_12 Datasheet HTML 1Page - Vishay Siliconix ST330SPBF_12 Datasheet HTML 2Page - Vishay Siliconix ST330SPBF_12 Datasheet HTML 3Page - Vishay Siliconix ST330SPBF_12 Datasheet HTML 4Page - Vishay Siliconix ST330SPBF_12 Datasheet HTML 5Page - Vishay Siliconix ST330SPBF_12 Datasheet HTML 6Page - Vishay Siliconix ST330SPBF_12 Datasheet HTML 7Page - Vishay Siliconix ST330SPBF_12 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94409
6
Revision: 11-Aug-08
ST330SPbF Series
Vishay High Power Products Phase Control Thyristors
(Stud Version), 330 A
Fig. 9 - Gate Characteristics
ORDERING INFORMATION TABLE
0.1
1
10
100
0.001
0.01
0.1
1
10
100
VGD
IGD
(b)
(a)
(2)
(3)
InstantaneousGate Current (A)
Rectangular gate pulse
a) Recommended load line for
b) Rec ommended load line for
<=30% rated di/ dt : 10V, 10ohms
Frequency Limited by PG(AV)
rated di/ dt : 20V, 10ohms; tr<=1 µs
tr<=1 µs
(1)
(1) PGM = 10W, tp = 4ms
(2) PGM = 20W, tp = 2ms
(3) PGM = 40W, tp = 1ms
(4) PGM = 60W, tp = 0.66ms
Device: ST330SSeries
(4)
1
-
Thyristor
2
-
Essential part number
3
-
0 = Converter grade
4
-
S = Compression bonding stud
5
-
Voltage code x 100 = VRRM (see Voltage Ratings table)
6
-
P = Stud base 3/4"-16UNF-2A threads
7
-
0 = Eyelet terminals (gate and auxiliary cathode leads)
1 = Fast-on terminals (gate and auxiliary cathode leads)
8
-
Lead (Pb)-free
Device code
5
13
24
67
8
ST
33
0
S
16
P
0
PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95080


Similar Part No. - ST330SPBF_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST330SPBF VISHAY-ST330SPBF Datasheet
140Kb / 7P
   Phase Control Thyristors (Stud Version), 330 A
Revision: 11-Aug-08
More results

Similar Description - ST330SPBF_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST330SPBF VISHAY-VS-ST330SPBF Datasheet
192Kb / 8P
   Phase Control Thyristors (Stud Version), 330 A
Revision: 01-Mar-17
VS-ST330SPBF VISHAY-VS-ST330SPBF_V01 Datasheet
193Kb / 8P
   Phase Control Thyristors (Stud Version), 330 A
01-Jan-2022
ST330SPBF VISHAY-ST330SPBF Datasheet
140Kb / 7P
   Phase Control Thyristors (Stud Version), 330 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
   Phase Control Thyristors (Stud Version), 200 A
VS-180RKIPBF VISHAY-VS-180RKIPBF_V01 Datasheet
179Kb / 8P
   Phase Control Thyristors (Stud Version), 180 A
01-Jan-2022
VS-ST280S VISHAY-VS-ST280S_V01 Datasheet
185Kb / 8P
   Phase Control Thyristors(Stud Version), 280 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com