Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1998 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXA1998
Description  Recording/Playback Equalizer Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1998 Datasheet(HTML) 1 Page - Sony Corporation

  CXA1998 Datasheet HTML 1Page - Sony Corporation CXA1998 Datasheet HTML 2Page - Sony Corporation CXA1998 Datasheet HTML 3Page - Sony Corporation CXA1998 Datasheet HTML 4Page - Sony Corporation CXA1998 Datasheet HTML 5Page - Sony Corporation CXA1998 Datasheet HTML 6Page - Sony Corporation CXA1998 Datasheet HTML 7Page - Sony Corporation CXA1998 Datasheet HTML 8Page - Sony Corporation CXA1998 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Description
The CXA1998AQ is an IC developed for analog
signal processing in tape recorders. Processing for
both
the
recording
and
playback
systems
is
achieved on one chip.
Features
• 11-bit serial data interface
• Recording/playback mute function
• Recording equalizer Gp and Fp can be adjusted
externally.
• AGC (Automatic Gain Control)
• Comparator for AMS (Automatic Music Sensor)
• Recording/playback equalizer amplifier with 1.7
times speed switching
Absolute Maximum Ratings (Ta = 25°C)
• Supply voltage
VCC, VDD
12
V
• Operating temperature
Topr
–20 to +75
°C
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
645
mW
Operating Conditions
Supply voltage
VCC
6.5 to 10.0
V
VDD
4.5 to 5.5
V
Structure
Bipolar silicon monolithic IC
Applications
All analog signal processing in the cassette decks
of tape recorders and compact music centers
Applicable Head
Applicable to MITSUMI ELECTRIC Co., Ltd.
Playback head: BP-7442-CP-6973
Recording/playback head: BC-9242-CB-9267
– 1 –
CXA1998AQ
E96802A78
Recording/Playback Equalizer Amplifier
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
48 pin QFP (Plastic)
For the availability of this product, please contact the sales office.


Similar Part No. - CXA1998

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1998 SONY-CXA1998 Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA1998BQ SONY-CXA1998BQ Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
More results

Similar Description - CXA1998

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1898Q SONY-CXA1898Q Datasheet
660Kb / 26P
   Recording/Playback Equalizer Amplifier
CXA1998BQ SONY-CXA1998BQ Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA1498S SONY-CXA1498S Datasheet
378Kb / 13P
   Recording/Playback Equalizer Amplifier for Stereo Tape Recorder
logo
Rohm
BA5102A ROHM-BA5102A Datasheet
99Kb / 2P
   Switchless Recording/Playback Amplifier
logo
Sony Corporation
CXA2002R SONY-CXA2002R Datasheet
421Kb / 25P
   2-channel Recording/Playback Amplifier
logo
Sanyo Semicon Device
LA7270 SANYO-LA7270 Datasheet
256Kb / 6P
   VHS VTR Playback Head Amplifier Recording Amplifier
logo
Sony Corporation
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
logo
Aplus Intergrated Circu...
APR6008 APLUS-APR6008 Datasheet
2Mb / 23P
   Voice Recording & Playback Device Voice Recording & Playback Device
logo
Sanyo Semicon Device
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
logo
Panasonic Semiconductor
AN3371SB PANASONIC-AN3371SB Datasheet
74Kb / 7P
   2-head recording/playback amplifier IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com