Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT6202VP2.GT3 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT6202VP2.GT3
Description  500 mA / 13 V Adjustable CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6202VP2.GT3 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT6202VP2.GT3 Datasheet HTML 2Page - ON Semiconductor CAT6202VP2.GT3 Datasheet HTML 3Page - ON Semiconductor CAT6202VP2.GT3 Datasheet HTML 4Page - ON Semiconductor CAT6202VP2.GT3 Datasheet HTML 5Page - ON Semiconductor CAT6202VP2.GT3 Datasheet HTML 6Page - ON Semiconductor CAT6202VP2.GT3 Datasheet HTML 7Page - ON Semiconductor CAT6202VP2.GT3 Datasheet HTML 8Page - ON Semiconductor CAT6202VP2.GT3 Datasheet HTML 9Page - ON Semiconductor CAT6202VP2.GT3 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CAT6202
http://onsemi.com
9
PACKAGE DIMENSIONS
TDFN8, 2x3
CASE 511AK−01
ISSUE A
PIN#1
IDENTIFICATION
E2
E
A3
eb
D
A2
TOP VIEW
SIDE VIEW
BOTTOM VIEW
PIN#1 INDEX AREA
FRONT VIEW
A1
A
L
D2
Notes:
(1) All dimensions are in millimeters.
(2) Complies with JEDEC MO-229.
SYMBOL
MIN
NOM
MAX
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
A3
0.20 REF
b
0.20
0.25
0.30
D
1.90
2.00
2.10
D2
1.30
1.40
1.50
E
3.00
E2
1.20
1.30
1.40
e
2.90
0.50 TYP
3.10
L
0.20
0.30
0.40
A2
0.45
0.55
0.65


Similar Part No. - CAT6202VP2.GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6202VP2-GT3 ONSEMI-CAT6202VP2-GT3 Datasheet
149Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6202VP2-GT3 ONSEMI-CAT6202VP2-GT3 Datasheet
155Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
January, 2014 ??Rev. 1
More results

Similar Description - CAT6202VP2.GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6202VP2-GT3 ONSEMI-CAT6202VP2-GT3 Datasheet
149Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6202 ONSEMI-CAT6202_14 Datasheet
155Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
January, 2014 ??Rev. 1
CAT6201VP2-GT3 ONSEMI-CAT6201VP2-GT3 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201 ONSEMI-CAT6201_V01 Datasheet
434Kb / 11P
   LDO Regulator - Adjustable CMOS 300 mA, 13 V
September, 2019 - Rev. 3
CAT6201 ONSEMI-CAT6201_13 Datasheet
338Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
December, 2013 ??Rev. 3
CAT6201 ONSEMI-CAT6201 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6219 ONSEMI-CAT6219 Datasheet
179Kb / 9P
   500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
CAT6219-ADJTDGT3 ONSEMI-CAT6219-ADJTDGT3 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Vishay Siliconix
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
   Micropower 500-mA CMOS LDO Regulator
Rev. B, 06-May-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com