Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT6221.MGTD.GT3 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT6221.MGTD.GT3
Description  300 mA CMOS Dual LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6221.MGTD.GT3 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT6221.MGTD.GT3 Datasheet HTML 2Page - ON Semiconductor CAT6221.MGTD.GT3 Datasheet HTML 3Page - ON Semiconductor CAT6221.MGTD.GT3 Datasheet HTML 4Page - ON Semiconductor CAT6221.MGTD.GT3 Datasheet HTML 5Page - ON Semiconductor CAT6221.MGTD.GT3 Datasheet HTML 6Page - ON Semiconductor CAT6221.MGTD.GT3 Datasheet HTML 7Page - ON Semiconductor CAT6221.MGTD.GT3 Datasheet HTML 8Page - ON Semiconductor CAT6221.MGTD.GT3 Datasheet HTML 9Page - ON Semiconductor CAT6221.MGTD.GT3 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CAT6221
http://onsemi.com
6
TYPICAL CHARACTERISTICS (shown for 2.8 V/1.8 V outputs option)
(VIN = 3.8 V, IOUT = 100 mA, EN1 = EN2 = VIN, CIN = COUT = 1 mF, TA = 25°C unless otherwise specified.)
Figure 15. Line Regulation VOUT1
Figure 16. Line Regulation VOUT2
Figure 17. PSRR 1 & 2 vs. Frequency
(30 mA Load)


Similar Part No. - CAT6221.MGTD.GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
ON Semiconductor
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
logo
Catalyst Semiconductor
CAT6221-JFTD-G CATALYST-CAT6221-JFTD-G Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
ON Semiconductor
CAT6221-JFTD-GT3 ONSEMI-CAT6221-JFTD-GT3 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
logo
Catalyst Semiconductor
CAT6221-JGTD-G CATALYST-CAT6221-JGTD-G Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
More results

Similar Description - CAT6221.MGTD.GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
   300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
logo
Nisshinbo Micro Devices...
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
logo
ON Semiconductor
NCP151 ONSEMI-NCP151 Datasheet
643Kb / 10P
   LDO Regulator - Dual, High PSRR 300mA
September, 2019 ??Rev. 4
CAT6201VP2-GT3 ONSEMI-CAT6201VP2-GT3 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201 ONSEMI-CAT6201_V01 Datasheet
434Kb / 11P
   LDO Regulator - Adjustable CMOS 300 mA, 13 V
September, 2019 - Rev. 3
CAT6201 ONSEMI-CAT6201_13 Datasheet
338Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
December, 2013 ??Rev. 3
CAT6201 ONSEMI-CAT6201 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com