Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT6221.MPTD.GT3 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT6221.MPTD.GT3
Description  300 mA CMOS Dual LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6221.MPTD.GT3 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT6221.MPTD.GT3 Datasheet HTML 2Page - ON Semiconductor CAT6221.MPTD.GT3 Datasheet HTML 3Page - ON Semiconductor CAT6221.MPTD.GT3 Datasheet HTML 4Page - ON Semiconductor CAT6221.MPTD.GT3 Datasheet HTML 5Page - ON Semiconductor CAT6221.MPTD.GT3 Datasheet HTML 6Page - ON Semiconductor CAT6221.MPTD.GT3 Datasheet HTML 7Page - ON Semiconductor CAT6221.MPTD.GT3 Datasheet HTML 8Page - ON Semiconductor CAT6221.MPTD.GT3 Datasheet HTML 9Page - ON Semiconductor CAT6221.MPTD.GT3 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CAT6221
http://onsemi.com
8
TRANSIENT CHARACTERISTICS (shown for 2.8 V/1.8 V outputs option)
(VIN = 3.8 V, IOUT = 100 mA, EN1 = EN2 = VIN, CIN = COUT = 1 mF, TA = 25°C unless otherwise specified.)
Figure 24. VOUT1 Load Transient Response
(0.1 to 300 mA)
Figure 25. VOUT2 Load Transient Response
(0.1 to 300 mA)
Figure 26. Line Transient Response
(0.1 mA Loads)
Figure 27. Line Transient Response
(0.1/100 mA Loads)
Figure 28. Line Transient Response
(100/0.1 mA Loads)
Figure 29. Separate Enable Operation
(100 mA Loads)
NOTE: All transient characteristics are generated using the evaluation board CAT621XEVAL1.


Similar Part No. - CAT6221.MPTD.GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
ON Semiconductor
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
logo
Catalyst Semiconductor
CAT6221-JFTD-G CATALYST-CAT6221-JFTD-G Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
ON Semiconductor
CAT6221-JFTD-GT3 ONSEMI-CAT6221-JFTD-GT3 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
logo
Catalyst Semiconductor
CAT6221-JGTD-G CATALYST-CAT6221-JGTD-G Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
More results

Similar Description - CAT6221.MPTD.GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
   300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
logo
Nisshinbo Micro Devices...
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
logo
ON Semiconductor
NCP151 ONSEMI-NCP151 Datasheet
643Kb / 10P
   LDO Regulator - Dual, High PSRR 300mA
September, 2019 ??Rev. 4
CAT6201VP2-GT3 ONSEMI-CAT6201VP2-GT3 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201 ONSEMI-CAT6201_V01 Datasheet
434Kb / 11P
   LDO Regulator - Adjustable CMOS 300 mA, 13 V
September, 2019 - Rev. 3
CAT6201 ONSEMI-CAT6201_13 Datasheet
338Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
December, 2013 ??Rev. 3
CAT6201 ONSEMI-CAT6201 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com