Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ5301M915 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VJ5301M915
Description  Surface Mount Ceramic Chip Antennas for 915 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ5301M915 Datasheet(HTML) 2 Page - Vishay Siliconix

  VJ5301M915 Datasheet HTML 1Page - Vishay Siliconix VJ5301M915 Datasheet HTML 2Page - Vishay Siliconix VJ5301M915 Datasheet HTML 3Page - Vishay Siliconix VJ5301M915 Datasheet HTML 4Page - Vishay Siliconix VJ5301M915 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VJ5301M915MXBSR
www.vishay.com
Vishay Vitramon
Revision: 28-Mar-12
2
Document Number: 45207
For technical questions, contact: chipantenna@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VJ5301M915MXBSR TUNING
Final tuning configuration and component values for L1, L2,
and C1 depend on customer PCB layout. Optimal tuning is
possible with just a few standard components. The nominal
values shown are for a tuned VJ5301M915MXBEK kit.
Fig. 1 - Tuning Example with Inductors L1, L2 and Capacitor C1
Fig. 2 - VJ5301M915 Tuned to 915 MHz with 99 % Power Coupled
Fig. 3 - VJ5301M915 PCB Mounting and Coordinate Directions
Fig. 4 - VJ5301M915MXBSR XY Radiation Pattern
Fig. 5 - VJ5301M915MXBSR YZ Radiation Pattern
Fig. 6 - VJ5301M915MXBSR XZ Radiation Pattern
-25
-20
-15
-10
-5
0
835
875
915
955
995
Frequency (MHz)
VJ5301M915
dB
Power Reflection S11 (dB) Versus Frequency (MHz)
99 % power
coupled at
915 MHz for
MHz
Rotation
Plane
φ = 0° Receiver
Direction
XY
Y-axis
YZ
Z-axis
XZ
Z-axis
The radia on pa erns reference the eleva on θ that is
perpendicular to the azimuth pole rota on in ϕ.
-35
-25
-15
-5
5
90°
75°
60°
45°
30°
15°
-15°
-30°
-45°
-60°
-75°
-90°
-105°
-120°
-135°
-150°
-165°
180°
165°
150°
135°
120°
105°
XY / ϕ
dBi
Rotaon plane / Horizontal E-field polarizaon
Pole rotaon ϕ°
-38
-28
-18
-8
2
90°
75°
60°
45°
30°
15°
-15°
-30°
-45°
-60°
-75°
-90°
-105°
-120°
-135°
-150°
-165°
180°
165°
150°
135°
120°
105°
YZ / ϕ
dBi
Rotaon plane / Horizontal E-field polarizaon
Pole rotaon ϕ°
-35
-25
-15
-5
5
90°
75°
60°
45°
30°
15°
-15°
-30°
-45°
-60°
-75°
-90°
-105°
-120°
-135°
-150°
-165°
180°
165°
150°
135°
120°
105°
XZ / θ
dBi
Rotaon plane / Vercal E-field polarizaon
Pole rotaon ϕ°


Similar Part No. - VJ5301M915

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ5301M915MXBSR VISHAY-VJ5301M915MXBSR Datasheet
144Kb / 5P
   Surface Mount Ceramic Chip Antennas for 915 MHz
08-Feb-17
VJ5301M915MXBSR VISHAY-VJ5301M915MXBSR_V01 Datasheet
144Kb / 5P
   Surface Mount Ceramic Chip Antennas for 915 MHz
08-Feb-17
More results

Similar Description - VJ5301M915

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ5601M915MXBSR VISHAY-VJ5601M915MXBSR Datasheet
206Kb / 5P
   Surface Mount Ceramic Chip Antennas for 915 MHz
Revision: 28-Mar-12
VJ5301M915MXBSR VISHAY-VJ5301M915MXBSR_V01 Datasheet
144Kb / 5P
   Surface Mount Ceramic Chip Antennas for 915 MHz
08-Feb-17
VJ5601M915MXBSR VISHAY-VJ5601M915MXBSR_V01 Datasheet
164Kb / 5P
   Surface Mount Ceramic Chip Antennas for 915 MHz
08-Feb-17
VJ5601M868MXBSR VISHAY-VJ5601M868MXBSR_V01 Datasheet
165Kb / 5P
   Surface Mount Ceramic Chip Antennas for 868 MHz
08-Feb-17
VJ5301M868MXBSR VISHAY-VJ5301M868MXBSR Datasheet
186Kb / 5P
   Surface Mount Ceramic Chip Antennas for 868 MHz
Revision: 27-Mar-12
VJ5601M868MXBSR VISHAY-VJ5601M868MXBSR Datasheet
206Kb / 5P
   Surface Mount Ceramic Chip Antennas for 868 MHz
Revision: 28-Mar-12
VJ5301M400MXBSR VISHAY-VJ5301M400MXBSR Datasheet
719Kb / 5P
   Surface Mount Ceramic Chip Antennas for 400 MHz
Revision: 15-Mar-12
VJ5301M433MXBSR VISHAY-VJ5301M433MXBSR Datasheet
732Kb / 5P
   Surface Mount Ceramic Chip Antennas for
Revision: 15-Mar-12
VJ5105W240GXCMT VISHAY-VJ5105W240GXCMT_15 Datasheet
325Kb / 6P
   Surface Mount Ceramic Chip Antennas for 2.4 GHz
Revision: 26-Apr-13
VJ5103W240GXCMT VISHAY-VJ5103W240GXCMT Datasheet
375Kb / 6P
   Surface Mount Ceramic Chip Antennas for 2.4 GHz
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com