Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-PSMF050X Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-PSMF050X
Description  MF-PSMF Series - PTC Resettable Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-PSMF050X Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-PSMF050X Datasheet HTML 1Page - Bourns Electronic Solutions MF-PSMF050X Datasheet HTML 2Page - Bourns Electronic Solutions MF-PSMF050X Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Compact design to save board space -
0805 footprint
Small size results in very fast time to react
to fault events
Symmetrical design
Low profile
RoHS compliant* and halogen free**
Agency recognition:
Applications
USB port protection - USB 2.0, 3.0 & OTG
HDMI 1.4 Source protection
PC motherboards - Plug and Play
protection
Mobile phones - Battery and port protection
PDAs / digital cameras
Game console port protection
MF-PSMF Series - PTC Resettable Fuses
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
**To be considered halogen free, each homogenous material can have a maximum concentration of 900 ppm of either bromine or chlorine.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Environmental Characteristics
Operating Temperature......................................... -40 °C to +85 °C
Maximum Device Surface Temperature
in Tripped State .................................................... 125 °C
Passive Aging ....................................................... +85 °C, 1000 hours............................................... ±5 % typical resistance change
Humidity Aging ..................................................... +85 °C, 85 % R.H. 1000 hours ............................. ±5 % typical resistance change
Thermal Shock ..................................................... +85 °C to -40 °C, 20 times ................................... ±10 % typical resistance change
Solvent Resistance............................................... MIL-STD-202, Method 215................................... No change
Vibration ............................................................... MIL-STD-883C, Method 2007.1, .......................... No change
Condition A
Electrical Characteristics
Model
V max.
Volts
I max.
Amps
Ihold
Itrip
Resistance
Max. Time
To Trip
Tripped
Power
Dissipation
Amperes
at 23 °C
Ohms
at 23 °C
Amperes
at 23 °C
Seconds
at 23 °C
Watts
at 23 °C
Hold
Trip
RMin.
R1Max.
Typ.
MF-PSMF010X
15
40
0.10
0.30
1.0
7.5
0.5
1.5
0.5
MF-PSMF020X
9
40
0.20
0.50
0.65
3.5
8.00
0.02
0.5
MF-PSMF035X
6
40
0.35
0.75
0.250
1.200
8.00
0.10
0.5
MF-PSMF050X
6
40
0.50
1.00
0.150
0.900
8.00
0.10
0.5
MF-PSMF075X
6
40
0.75
1.50
0.090
0.350
8.00
0.20
0.6
MF-PSMF110X
6
40
1.10
2.20
0.060
0.210
8.00
0.30
0.6
Test Procedures And Requirements For Model MF-PSMF Series
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech. ......................................................... Verify dimensions and materials ........................... Per MF physical description
Resistance............................................................ In still air @ 23 °C.................................................. Rmin
≤ R ≤ R1max
Time to Trip........................................................... At specified current, Vmax, 23 °C ........................ T
≤ max. time to trip (seconds)
Hold Current ......................................................... 30 min. at Ihold ..................................................... No trip
Trip Cycle Life....................................................... Vmax, Imax, 100 cycles........................................ No arcing or burning
Trip Endurance ..................................................... Vmax, 48 hours..................................................... No arcing or burning
Solderability.......................................................... ANSI/J-STD-002 ................................................... 95 % min. coverage
UL File Number .................................................... E174545
http://www.ul.com/ Follow link to Certifications, then UL File No., enter E174545
Thermal Derating Chart - Ihold (Amps)
Model
Ambient Operating Temperature
-40 °C
-20 °C
0 °C
23 °C
40 °C
50 °C
60 °C
70 °C
85 °C
MF-PSMF010X
0.15
0.13
0.12
0.10
0.09
0.08
0.07
0.06
0.05
MF-PSMF020X
0.28
0.25
0.23
0.20
0.17
0.14
0.12
0.10
0.07
MF-PSMF035X
0.47
0.44
0.39
0.35
0.30
0.27
0.24
0.20
0.14
MF-PSMF050X
0.68
0.62
0.55
0.50
0.40
0.37
0.33
0.29
0.23
MF-PSMF075X
1.00
0.90
0.79
0.75
0.63
0.57
0.53
0.42
0.35
MF-PSMF110X
1.45
1.35
1.20
1.10
0.92
0.84
0.75
0.65
0.52


Similar Part No. - MF-PSMF050X

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-PSMF050X-2 BOURNS-MF-PSMF050X-2 Datasheet
282Kb / 4P
   MF-PSMF Series - PTC Resettable Fuses
More results

Similar Description - MF-PSMF050X

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-PSMF035X-2 BOURNS-MF-PSMF035X-2 Datasheet
282Kb / 4P
   MF-PSMF Series - PTC Resettable Fuses
MF-SM125-2 BOURNS-MF-SM125-2 Datasheet
287Kb / 4P
   MF-SM Series - PTC Resettable Fuses
MFMSMF BOURNS-MFMSMF Datasheet
319Kb / 5P
   MF-MSMF Series - PTC Resettable Fuses
MF-SM100-2 BOURNS-MF-SM100-2 Datasheet
298Kb / 5P
   MF-SM Series - PTC Resettable Fuses
MF-MSMF200-2 BOURNS-MF-MSMF200-2 Datasheet
356Kb / 5P
   MF-MSMF Series - PTC Resettable Fuses
MF-R110-0-99 BOURNS-MF-R110-0-99 Datasheet
210Kb / 6P
   MF-R Series - PTC Resettable Fuses
MF-SM200-2 BOURNS-MF-SM200-2 Datasheet
290Kb / 4P
   MF-SM Series - PTC Resettable Fuses
MF-R110-2 BOURNS-MF-R110-2 Datasheet
210Kb / 6P
   MF-R Series - PTC Resettable Fuses
MF-GSMF BOURNS-MF-GSMF Datasheet
312Kb / 6P
   MF-GSMF Series – PTC Resettable Fuses
REV. B, 09/19
MF-NSHT BOURNS-MF-NSHT Datasheet
344Kb / 6P
   MF-NSHT Series - PTC Resettable Fuses
REV. F 07/20
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com