Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH3455-TL-H Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # CPH3455-TL-H
Description  General-Purpose Switching Device Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH3455-TL-H Datasheet(HTML) 4 Page - Sanyo Semicon Device

  CPH3455-TL-H Datasheet HTML 1Page - Sanyo Semicon Device CPH3455-TL-H Datasheet HTML 2Page - Sanyo Semicon Device CPH3455-TL-H Datasheet HTML 3Page - Sanyo Semicon Device CPH3455-TL-H Datasheet HTML 4Page - Sanyo Semicon Device CPH3455-TL-H Datasheet HTML 5Page - Sanyo Semicon Device CPH3455-TL-H Datasheet HTML 6Page - Sanyo Semicon Device CPH3455-TL-H Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CPH3455
No.8737-4/7
A S O
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
VGS -- Qg
0
4.5
1.5
0.5
1.0
2.5
2.0
3.5
4.0
3.0
2
3
3
2
5
7
2
0.1
3
5
7
2
1.0
0.01
23 5
3
2
7
23 5 7
23 5 7
0.01
0.1
1.0
10
57100
IT16451
IT16450
0
1
2
3
4
6
8
5
7
9
10
100
μs
10ms
100ms
Operation in this area
is limited by RDS(on).
ID=3A
DC
operation
(T
a=25
°C
)
IDP=12A (PW≤10μs)
1ms
3
5
7
5
7
10
100
VDS=20V
ID=3A
Ta=25
°C
Single pulse
When mounted on ceramic substrate (900mm2
×0.8mm)
Ambient Temperature, Ta --
°C
PD -- Ta
IT16452
0
0
20
40
60
80
100
140
120
1.4
1.2
1.0
0.6
0.4
0.8
0.2
160
When mounted on ceramic substrate
(900mm2
×0.8mm)


Similar Part No. - CPH3455-TL-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH3455-TL-H ONSEMI-CPH3455-TL-H Datasheet
538Kb / 5P
   Single N-Channel Power MOSFET
June 2015 - Rev. 3
More results

Similar Description - CPH3455-TL-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com