Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA2006 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXA2006
Description  Digital CCD Camera Head Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2006 Datasheet(HTML) 1 Page - Sony Corporation

  CXA2006 Datasheet HTML 1Page - Sony Corporation CXA2006 Datasheet HTML 2Page - Sony Corporation CXA2006 Datasheet HTML 3Page - Sony Corporation CXA2006 Datasheet HTML 4Page - Sony Corporation CXA2006 Datasheet HTML 5Page - Sony Corporation CXA2006 Datasheet HTML 6Page - Sony Corporation CXA2006 Datasheet HTML 7Page - Sony Corporation CXA2006 Datasheet HTML 8Page - Sony Corporation CXA2006 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Digital CCD Camera Head Amplifier
Description
The CXA2006Q is a bipolar IC developed as a
head amplifier for digital CCD cameras. This IC
provides the following functions: correlated double
sampling, AGC for the CCD signal, GCA for the low-
band chroma signal, AMP for high-band chroma and
line signals, A/D sample and hold, blanking, A/D
reference voltage, and an output driver.
Features
• High sensitivity made possible by a high-gain AGC
amplifier
• Blanking function provided for the purpose of
calibrating the CCD output signal black level
• Regulator output pin provided for A/D converter
reference voltage
• Built-in GCA and AMP for amplifying video signals
(chroma and line signals) from external sources
• Built-in sample-and-hold circuits (for camera signals
and for video signals) required by external A/D
converters
Absolute Maximum Ratings
• Supply voltage
VCC
14
V
• Operating temperature Topr
–20 to +75
°C
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
640
mW
Operating Conditions
Supply voltage
VCC1, 2, 3
4.5 to 5
V
Applications
Digital CCD cameras
Structure
Bipolar silicon monolithic IC
– 1 –
E94X41B8X-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXA2006Q
32 pin QFP (Plastic)


Similar Part No. - CXA2006

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2000 SONY-CXA2000 Datasheet
694Kb / 48P
   Y/C/RGB/D for PAL/NTSC Color TVs
CXA2000Q SONY-CXA2000Q Datasheet
694Kb / 48P
   Y/C/RGB/D for PAL/NTSC Color TVs
CXA2002 SONY-CXA2002 Datasheet
421Kb / 25P
   2-channel Recording/Playback Amplifier
CXA2002R SONY-CXA2002R Datasheet
421Kb / 25P
   2-channel Recording/Playback Amplifier
More results

Similar Description - CXA2006

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2056Q SONY-CXA2056Q Datasheet
361Kb / 24P
   Digital CCD Camera Head Amplifier
CXA3796N SONY-CXA3796N Datasheet
373Kb / 19P
   Digital CCD Camera Head Amplifier
CXA2096N SONY-CXA2096N Datasheet
290Kb / 16P
   Digital CCD Camera Head Amplifier
logo
Hamamatsu Corporation
C4880-91 HAMAMATSU-C4880-91 Datasheet
98Kb / 2P
   Digital CCD Camera
C4880-50 HAMAMATSU-C4880-50 Datasheet
119Kb / 2P
   Digital CCD Camera
C4880-20 HAMAMATSU-C4880-20 Datasheet
120Kb / 2P
   Digital CCD Camera
C4880-21 HAMAMATSU-C4880-21 Datasheet
119Kb / 2P
   Digital CCD Camera
logo
Sony Corporation
CXA1690Q SONY-CXA1690Q Datasheet
284Kb / 18P
   Head Amplifier for Digital CCD Cameras
logo
Hamamatsu Corporation
C7300-10 HAMAMATSU-C7300-10 Datasheet
74Kb / 2P
   High Performance Digital CCD Camera
C8000-10 HAMAMATSU-C8000-10 Datasheet
66Kb / 2P
   BT(Back-thinned)-CCD Digital Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com