Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PKL14Z64TPP4(R) Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # PKL14Z64TPP4(R)
Description  Supports all KL14 and KL15 devices
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PKL14Z64TPP4(R) Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button PKL14Z64TPP4(R) Datasheet HTML 4Page - Freescale Semiconductor, Inc PKL14Z64TPP4(R) Datasheet HTML 5Page - Freescale Semiconductor, Inc PKL14Z64TPP4(R) Datasheet HTML 6Page - Freescale Semiconductor, Inc PKL14Z64TPP4(R) Datasheet HTML 7Page - Freescale Semiconductor, Inc PKL14Z64TPP4(R) Datasheet HTML 8Page - Freescale Semiconductor, Inc PKL14Z64TPP4(R) Datasheet HTML 9Page - Freescale Semiconductor, Inc PKL14Z64TPP4(R) Datasheet HTML 10Page - Freescale Semiconductor, Inc PKL14Z64TPP4(R) Datasheet HTML 11Page - Freescale Semiconductor, Inc PKL14Z64TPP4(R) Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Field
Description
Values
Q
Qualification status
• M = Fully qualified, general market flow
• P = Prequalification
KL##
Kinetis family
• KL14
• KL15
A
Key attribute
• Z = Cortex-M0+
FFF
Program flash memory size
• 32 = 32 KB
• 64 = 64 KB
• 128 = 128 KB
• 256 = 256 KB
R
Silicon revision
• (Blank) = Main
• A = Revision after main
T
Temperature range (°C)
• V = –40 to 105
PP
Package identifier
• FM = 32 QFN (5 mm x 5 mm)
• FT = 48 QFN (7 mm x 7 mm)
• LH = 64 LQFP (10 mm x 10 mm)
• LK = 80 LQFP (12 mm x 12 mm)
CC
Maximum CPU frequency (MHz)
• 4 = 48 MHz
N
Packaging type
• R = Tape and reel
• (Blank) = Trays
4.4 KL14/KL15 Family Features
The following sections list the differences among the various devices available within the KL14/KL15 family.
The features listed below each part number specify the maximum configuration available on that device. The signal
multiplexing configuration determines which modules can be used simultaneously.
The following tables are limited to 128 KB Flash and 80-pin packages, more high Flash density and large package devices
will be available soon. Keep tracking Freescale website to get the latest update.
4.4.1 KL14 Family Features (48MHz Performance)
Table 3. KL14 48MHz Performance Table
MC Partnumber
General
CPU Frequency
48 MHz
48 MHz
48 MHz
48 MHz
48 MHz
48 MHz
48 MHz
48 MHz
Pin Count
32
32
48
48
64
64
80
80
Package
QFN
QFN
QFN
QFN
LQFP
LQFP
LQFP
LQFP
Table continues on the next page...
Features
KL14/KL15 Product Brief, Rev. 2, 6/2012
8
Preliminary
Freescale Semiconductor, Inc.
General Business Information


Similar Part No. - PKL14Z64TPP4(R)

ManufacturerPart #DatasheetDescription
logo
StarHope
PKL18A SPSEMI-PKL18A Datasheet
113Kb / 5P
   Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 4000 Watt Peak Pulse Power
More results

Similar Description - PKL14Z64TPP4(R)

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MKL04Z16VFK4 FREESCALE-MKL04Z16VFK4 Datasheet
300Kb / 20P
   Supports all KL04 and KL05 devices
logo
NXP Semiconductors
KL15P35M48SF0 NXP-KL15P35M48SF0 Datasheet
1Mb / 52P
   Kinetis KL15 Sub-Family
Rev 5 08/2014
KL14P80M48SF0 NXP-KL14P80M48SF0 Datasheet
1Mb / 52P
   Kinetis KL14 Sub-Family
Rev 5 08/2014
logo
Lattice Semiconductor
GAL22V10D-15QPN LATTICE-GAL22V10D-15QPN Datasheet
718Kb / 23P
   All Devices Discontinued
GAL16V8D-25LJN LATTICE-GAL16V8D-25LJN Datasheet
767Kb / 26P
   All Devices Discontinued
GAL22V10D-10LPN LATTICE-GAL22V10D-10LPN Datasheet
718Kb / 23P
   All Devices Discontinued
logo
Freescale Semiconductor...
KL14P80M48SF0 FREESCALE-KL14P80M48SF0 Datasheet
1Mb / 47P
   KL14 Sub-Family Data Sheet
logo
NXP Semiconductors
KL15P80M48SF0 NXP-KL15P80M48SF0 Datasheet
1Mb / 57P
   Kinetis KL15 Sub-Family
Rev 5 08/2014
S32M2XX NXP-S32M2XX Datasheet
2Mb / 135P
   Supports S32M24x and S32M27x
Rev. 3 - 10/2023
MC56F80XXX NXP-MC56F80XXX_V01 Datasheet
1Mb / 71P
   Supports MC56F807xx and MC56F806xx
Rev. 2.1, 02/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com