Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25020YE.GT3 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT25020YE.GT3
Description  1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25020YE.GT3 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT25020YE.GT3 Datasheet HTML 3Page - ON Semiconductor CAT25020YE.GT3 Datasheet HTML 4Page - ON Semiconductor CAT25020YE.GT3 Datasheet HTML 5Page - ON Semiconductor CAT25020YE.GT3 Datasheet HTML 6Page - ON Semiconductor CAT25020YE.GT3 Datasheet HTML 7Page - ON Semiconductor CAT25020YE.GT3 Datasheet HTML 8Page - ON Semiconductor CAT25020YE.GT3 Datasheet HTML 9Page - ON Semiconductor CAT25020YE.GT3 Datasheet HTML 10Page - ON Semiconductor CAT25020YE.GT3 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CAT25010, CAT25020, CAT25040
http://onsemi.com
7
Byte Write
Once the WEL bit is set, the user may execute a write
sequence, by sending a WRITE instruction, a 8−bit address
and data as shown in Figure 5. For the CAT25040, bit 3 of
the write instruction opcode contains A8 address bit.
Internal programming will start after the low to high CS
transition. During an internal write cycle, all commands,
except for RDSR (Read Status Register) will be ignored.
The RDY bit will indicate if the internal write cycle is in
progress (RDY high), or the device is ready to accept
commands (RDY low).
Page Write
After sending the first data byte to the CAT25010/20/40,
the host may continue sending data, up to a total of 16 bytes,
according to timing shown in Figure 6. After each data byte,
the lower order address bits are automatically incremented,
while the higher order address bits (page address) remain
unchanged. If during this process the end of page is
exceeded, then loading will “roll over” to the first byte in the
page, thus possibly overwriting previously loaded data.
Following
completion
of
the
write
cycle,
the
CAT25010/20/40 is automatically returned to the write
disable state.
Figure 5. Byte WRITE Timing
SCK
SI
SO
0
0
0
0
X*
0
1
0
D7 D6 D5 D4 D3 D2 D1 D0
012
345
67
8
OPCODE
DATA IN
HIGH IMPEDANCE
BYTE ADDRESS
13 14 15 16 17 18 19 20 21 22 23
Dashed Line = mode (1, 1)
* X = 0 for CAT25010, CAT25020. x = A8 for CAT25040
CS
A0
A7
Figure 6. Page WRITE Timing
SCK
SI
SO
00
00
X* 0
1
0
BYTEADDRESS
Data
Byte 1
0123
456
78
13 14 15 16−23 24−31
Data Byte N
OPCODE
7..1
0
16+(N−1)x8−1..16+(N−1)x8
16+Nx8−1
DATA IN
HIGH IMPEDANCE
Dashed Line = mode (1, 1)
* X = 0 for CAT25010, CAT25020. x = A8 for CAT25040
CS
A7
A0
Data
Byte 3
Data
Byte 2


Similar Part No. - CAT25020YE.GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25020YE CATALYST-CAT25020YE Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020YE-GT3 CATALYST-CAT25020YE-GT3 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25020YE-GT3 ONSEMI-CAT25020YE-GT3 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25020YE-T3 ONSEMI-CAT25020YE-T3 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
logo
Catalyst Semiconductor
CAT25020YET3 CATALYST-CAT25020YET3 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
More results

Similar Description - CAT25020YE.GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25040LI-G ONSEMI-CAT25040LI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010_07 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25010 ONSEMI-CAT25010_15 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com