Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25020ZE.GT3 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT25020ZE.GT3
Description  1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25020ZE.GT3 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT25020ZE.GT3 Datasheet HTML 5Page - ON Semiconductor CAT25020ZE.GT3 Datasheet HTML 6Page - ON Semiconductor CAT25020ZE.GT3 Datasheet HTML 7Page - ON Semiconductor CAT25020ZE.GT3 Datasheet HTML 8Page - ON Semiconductor CAT25020ZE.GT3 Datasheet HTML 9Page - ON Semiconductor CAT25020ZE.GT3 Datasheet HTML 10Page - ON Semiconductor CAT25020ZE.GT3 Datasheet HTML 11Page - ON Semiconductor CAT25020ZE.GT3 Datasheet HTML 12Page - ON Semiconductor CAT25020ZE.GT3 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
CAT25010, CAT25020, CAT25040
http://onsemi.com
9
READ OPERATIONS
Read from Memory Array
To read from memory, the host sends a READ instruction
followed by a 8−bit address (for the CAT25040, bit 3 of the
read instruction opcode contains A8 address bit).
After receiving the last address bit, the CAT25010/20/40
will respond by shifting out data on the SO pin (as shown in
Figure 9). Sequentially stored data can be read out by simply
continuing to run the clock. The internal address pointer is
automatically incremented to the next higher address as data
is shifted out. After reaching the highest memory address,
the address counter “rolls over” to the lowest memory
address, and the read cycle can be continued indefinitely.
The read operation is terminated by taking CS high.
Read Status Register
To read the status register, the host simply sends a RDSR
command. After receiving the last bit of the command, the
CAT25010/20/40 will shift out the contents of the status
register on the SO pin (Figure 10). The status register may
be read at any time, including during an internal write cycle.
While the internal write cycle is in progress, the RDSR
command will output the full content of the status register
(New product, Rev. E) or the RDY (Ready) bit only (i.e.,
data out = FFh) for previous product revisions C, D (Mature
product). For easy detection of the internal write cycle
completion, both during writing to the memory array and to
the status register, we recommend sampling the RDY bit
only through the polling routine. After detecting the RDY bit
“0”, the next RDSR instruction will always output the
expected content of the status register.
Figure 9. READ Timing
SCK
SI
SO
BYTE ADDRESS
012
3456
78
9
D7 D6 D5 D4 D3 D2 D1 D0
DATA OUT
MSB
HIGH IMPEDANCE
OPCODE
13
12
14 15 16 17 18 19 20 21 22
00
00
X*
0
1
1
Dashed Line = mode (1, 1)
* X = 0 for CAT25010, CAT25020. X = A8 for CAT25040
A0
A7
CS
Figure 10. RDSR Timing
01
2
3
4
5
6
7
8
10
911
12
13
14
SCK
SI
DATA OUT
MSB
HIGH IMPEDANCE
OPCODE
SO
7
6
5
4
3
2
1
0
00
0
0
0
1
0
1
Dashed Line = mode (1, 1)
CS


Similar Part No. - CAT25020ZE.GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25020ZE CATALYST-CAT25020ZE Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020ZE-GT3 CATALYST-CAT25020ZE-GT3 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25020ZE-GT3 ONSEMI-CAT25020ZE-GT3 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25020ZE-T3 ONSEMI-CAT25020ZE-T3 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
logo
Catalyst Semiconductor
CAT25020ZET3 CATALYST-CAT25020ZET3 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
More results

Similar Description - CAT25020ZE.GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25040LI-G ONSEMI-CAT25040LI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010_07 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25010 ONSEMI-CAT25010_15 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com