Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AC11-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AC11-Q1
Description  TRIPLE 3-INPUT POSITIVE-AND GATE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AC11-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  SN74AC11-Q1 Datasheet HTML 1Page - Texas Instruments SN74AC11-Q1 Datasheet HTML 2Page - Texas Instruments SN74AC11-Q1 Datasheet HTML 3Page - Texas Instruments SN74AC11-Q1 Datasheet HTML 4Page - Texas Instruments SN74AC11-Q1 Datasheet HTML 5Page - Texas Instruments SN74AC11-Q1 Datasheet HTML 6Page - Texas Instruments SN74AC11-Q1 Datasheet HTML 7Page - Texas Instruments SN74AC11-Q1 Datasheet HTML 8Page - Texas Instruments SN74AC11-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SN74AC11-Q1
TRIPLE 3-INPUT POSITIVE-AND GATE
SCLS523A − AUGUST 2003 − REVISED APRIL 2008
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram, each gate (positive logic)
12
1Y
1A
1B
1C
6
2Y
2A
2B
2C
8
3Y
3A
3B
3C
1
2
13
3
4
5
11
10
9
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±200 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
113
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.


Similar Part No. - SN74AC11-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AC11-Q1 TI1-SN74AC11-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
More results

Similar Description - SN74AC11-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV11A-Q1 TI1-SN74LV11A-Q1 Datasheet
225Kb / 10P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATE
SN74AC11-EP TI1-SN74AC11-EP Datasheet
494Kb / 10P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATE
SN74ALVC10 TI-SN74ALVC10 Datasheet
110Kb / 7P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV27A TI-SN54LV27A_08 Datasheet
504Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATE
SN74LVC10A TI-SN74LVC10A Datasheet
345Kb / 12P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV10A TI-SN54LV10A_07 Datasheet
474Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74HC10-EP TI1-SN74HC10-EP Datasheet
540Kb / 11P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV10A TI-SN54LV10A Datasheet
332Kb / 13P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74LV27A TI-SN74LV27A Datasheet
332Kb / 13P
[Old version datasheet]   TRIPLE 3 INPUT POSITIVE NOR GATE
SN74LV27A TI-SN74LV27A_07 Datasheet
474Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com