Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3.0SMCJ17 Datasheet(PDF) 4 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # 3.0SMCJ17
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

3.0SMCJ17 Datasheet(HTML) 4 Page - Shenzhen Taychipst Electronic Co., Ltd

  3.0SMCJ17 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd 3.0SMCJ17 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd 3.0SMCJ17 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd 3.0SMCJ17 Datasheet HTML 4Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 of 4
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
5.0V-220V
1.0mA-10mA
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ SERIES
01
2
3
100
50
0
t = 10 s
r
µ
Peak Value I
pp
Half Value I /2
pp
10 X 1000 Waveform
as defined by R.E.A.
t
p
t, TIME (ms)
Fig. 4 Pulse Waveform
10 X 1000 Waveform
as defined by REA
0
25
50
75
100
125
150 175
200
100
75
50
25
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Pulse Derating Curve
A
°
1
10
100
1000
10
100
1000
10,000
V
, REVERSE STANDOFF VOLTAGE (V)
Fig.2 Typical Junction Capacitance
RWM
T = 25 C
f = 1.0 MHz
j
°
V
= 50mV p-p
sig
Measured at
zero bias
Uni-directional
Bi-directional
0.1
1.0
t PULSE WIDTH ( s)
Fig. 3 Pulse Rating Curve
p
m
0.1
10
100
1.0
10
1000
10000
T= 25 C
j
°
100
Non Repetitive
Pulse Waveform
Shown in Fig. 4


Similar Part No. - 3.0SMCJ17

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ17 WTE-3.0SMCJ17 Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Yea Shin Technology Co....
3.0SMCJ17 YEASHIN-3.0SMCJ17 Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
3.0SMCJ17 WTE-3.0SMCJ17 Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Rectron Semiconductor
3.0SMCJ17 RECTRON-3.0SMCJ17 Datasheet
166Kb / 7P
   SURFACE MOUNT 3000W TRANSIENT
logo
Taiwan Semiconductor Co...
3.0SMCJ17 TSC-3.0SMCJ17 Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - 3.0SMCJ17

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com