Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA2021 Datasheet(PDF) 5 Page - Sony Corporation

Part # CXA2021
Description  I2C BUS Sound Processor for TV
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2021 Datasheet(HTML) 5 Page - Sony Corporation

  CXA2021 Datasheet HTML 1Page - Sony Corporation CXA2021 Datasheet HTML 2Page - Sony Corporation CXA2021 Datasheet HTML 3Page - Sony Corporation CXA2021 Datasheet HTML 4Page - Sony Corporation CXA2021 Datasheet HTML 5Page - Sony Corporation CXA2021 Datasheet HTML 6Page - Sony Corporation CXA2021 Datasheet HTML 7Page - Sony Corporation CXA2021 Datasheet HTML 8Page - Sony Corporation CXA2021 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
– 5 –
CXA2021S
13
DET1
7.8V
AGC detector output.
Connect capacitance for
setting time constant.
13
Vcc
40k
2k
15
PS
6V
Pin for connecting external
capacitance of the surround
phase shifter.
Internal impedance is
approximately 18k
Ω.
Vcc
10µ
130
18k
18k
15
16
HPO
6V
AGC HPF output pin.
10k
500
500
Vcc
16
17
HPI
6V
AGC HPF input pin.
Vcc
10µ
130
5k
16k
16k
2
Vcc
17
Pin No.
Symbol
Voltage
Equivalent circuit
Description


Similar Part No. - CXA2021

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2020M SONY-CXA2020M Datasheet
247Kb / 18P
   EIAJ Sound Multiplexing Decoder
CXA2020S SONY-CXA2020S Datasheet
247Kb / 18P
   EIAJ Sound Multiplexing Decoder
CXA2022 SONY-CXA2022 Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
CXA2022S SONY-CXA2022S Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
CXA2025 SONY-CXA2025 Datasheet
414Kb / 37P
   Y/C/RGB/Sync/Deflection for Color TV
More results

Similar Description - CXA2021

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2022S SONY-CXA2022S Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
logo
NXP Semiconductors
TDA8405 PHILIPS-TDA8405 Datasheet
322Kb / 9P
   TV AND VTR STEREO/DUAL SOUND PROCESSOR WITH I2C BUS CONTROL
December 1985
TDA9321H PHILIPS-TDA9321H Datasheet
249Kb / 44P
   I2C-bus controlled TV input processor
1998 Dec 16
logo
Rohm
BD3869AF ROHM-BD3869AF Datasheet
276Kb / 6P
   Audio sound processor for TV
BD3884FS ROHM-BD3884FS Datasheet
184Kb / 6P
   Audio sound processor for TV
BD3888FS ROHM-BD3888FS Datasheet
262Kb / 5P
   Audio sound processor for TV
BD3886FS ROHM-BD3886FS Datasheet
198Kb / 6P
   Audio sound processor for TV
logo
Toshiba Semiconductor
TA1217AN TOSHIBA-TA1217AN Datasheet
716Kb / 19P
   TV-SOUND PROCESSOR
logo
Sony Corporation
CXA1279AS SONY-CXA1279AS Datasheet
212Kb / 12P
   TV SOUND PROCESSOR
CXA1279BS SONY-CXA1279BS Datasheet
184Kb / 15P
   TV SOUND PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com