Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8126 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS8126
Description  5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8126 Datasheet(HTML) 5 Page - ON Semiconductor

  CS8126_09 Datasheet HTML 1Page - ON Semiconductor CS8126_09 Datasheet HTML 2Page - ON Semiconductor CS8126_09 Datasheet HTML 3Page - ON Semiconductor CS8126_09 Datasheet HTML 4Page - ON Semiconductor CS8126_09 Datasheet HTML 5Page - ON Semiconductor CS8126_09 Datasheet HTML 6Page - ON Semiconductor CS8126_09 Datasheet HTML 7Page - ON Semiconductor CS8126_09 Datasheet HTML 8Page - ON Semiconductor CS8126_09 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CS8126
http://onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS
0
VIN (V)
VIN (V)
Figure 2. ICQ vs. VIN Over Temperature
Figure 3. ICQ vs. VIN Over RLOAD
0
1.0
2.0 3.0
4.0
5.0 6.0
7.0 8.0
9.0
10
0
55
50
45
40
35
30
25
20
15
10
5.0
120
110
100
90
80
70
60
50
40
30
20
10
VIN (V)
Figure 4. VOUT vs. VIN Over Temperature
0
1.0
2.0 3.0
4.0
5.0 6.0
7.0 8.0
9.0
10
0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
VIN (V)
Figure 5. VOUT vs. VIN Over RLOAD
Room Temp.
RLOAD = 25 W
RLOAD = 25 W
Room Temp.
0
1.0
2.0 3.0
4.0
5.0 6.0
7.0 8.0
9.0
10
0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
1.0
2.0 3.0
4.0
5.0 6.0
7.0
8.0
9.0
10
25°C
125°C
−40°C
RLOAD = 6.67
RLOAD = 10
RLOAD = 25
RLOAD = NO LOAD
25°C
125°C
−40°C
RLOAD = 10
RLOAD = 6.67
RLOAD = NO LOAD
Output Current (mA)
0
100
200
300
400
500
600
700 800
100
80
60
40
20
0
−20
−40
−60
−80
−100
Output Current (mA)
0
100
200
300
400
500
600
700
800
6.0
4.0
2.0
0
−2.0
−4.0
−6.0
−8.0
−10
−12
−14
Figure 6. Line Regulation vs. Output
Current Over Temperature
Figure 7. Load Regulation vs. Output
Current Over Temperature
TEMP = 25°C
TEMP = 40°C
TEMP = 125°C
VIN 6.0−26 V
TEMP = −40°C
TEMP = 25°C
TEMP = 125°C
VIN = 14 V


Similar Part No. - CS8126_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8126-1YDPS7 ONSEMI-CS8126-1YDPS7 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126-1YDPS7G ONSEMI-CS8126-1YDPS7G Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126-1YDPSR7 ONSEMI-CS8126-1YDPSR7 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126-1YDPSR7G ONSEMI-CS8126-1YDPSR7G Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
logo
Cherry Semiconductor Co...
CS8126-1YT5 CHERRY-CS8126-1YT5 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
More results

Similar Description - CS8126_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8122 ONSEMI-CS8122 Datasheet
100Kb / 10P
   2.0% 5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
June, 2006 ??Rev. 7
CS8129 ONSEMI-CS8129 Datasheet
114Kb / 11P
   5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
logo
National Semiconductor ...
LM2925 NSC-LM2925 Datasheet
223Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
HTC Korea TAEJIN Techno...
LM2925 HTC-LM2925 Datasheet
228Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
logo
National Semiconductor ...
LM2826 NSC-LM2826 Datasheet
319Kb / 9P
   Low Dropout Regulator with Delayed Reset
LM2926 NSC-LM2926 Datasheet
404Kb / 10P
   Low Dropout Regulator with Delayed Reset
logo
ON Semiconductor
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com