Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8126.1YDPSR7G Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS8126.1YDPSR7G
Description  5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8126.1YDPSR7G Datasheet(HTML) 4 Page - ON Semiconductor

  CS8126.1YDPSR7G Datasheet HTML 1Page - ON Semiconductor CS8126.1YDPSR7G Datasheet HTML 2Page - ON Semiconductor CS8126.1YDPSR7G Datasheet HTML 3Page - ON Semiconductor CS8126.1YDPSR7G Datasheet HTML 4Page - ON Semiconductor CS8126.1YDPSR7G Datasheet HTML 5Page - ON Semiconductor CS8126.1YDPSR7G Datasheet HTML 6Page - ON Semiconductor CS8126.1YDPSR7G Datasheet HTML 7Page - ON Semiconductor CS8126.1YDPSR7G Datasheet HTML 8Page - ON Semiconductor CS8126.1YDPSR7G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CS8126
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (TA = −40°C to +125°C, TJ = −40°C to +150°C, VIN = 6.0 to 26 V,
IO = 5.0 to 500 mA, RRESET = 4.7 kW to VCC, unless otherwise noted.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
RESET and Delay Functions
Delay Charge Current
VDelay = 2.0 V
5.0
10
15
mA
RESET Threshold
VOUT Increasing, VRT(ON)
VOUT Decreasing, VRT(OFF)
4.65
4.50
4.90
4.70
VOUT − 0.01
VOUT − 0.15
V
V
RESET Hysteresis
VRH = VRT(ON) − VRT(OFF)
150
200
250
mV
Delay Threshold
Charge, VDC(HI)
Discharge, VDC(LO)
3.25
2.85
3.50
3.10
3.75
3.35
V
V
Delay Hysteresis
200
400
800
mV
RESET Output Voltage Low
1.0 V < VOUT < VRTL, 3.0 kW to VOUT
0.1
0.4
V
RESET Output Leakage Current
VOUT > VRT(ON)
0
10
mA
Delay Capacitor Discharge Voltage
Discharge Latched “ON”, VOUT > VRT
0.2
0.5
V
Delay Time
CDelay = 0.1 mF*. Note 4
16
32
48
ms
* Delay Time +
CDelay
VDelayThreshold Charge
ICharge
+ CDelay
3.2
4. Assumes Ideal Capacitor
PACKAGE LEAD DESCRIPTION
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
1
VIN
Unregulated supply voltage to IC.
2
VOUT
Regulated 5.0 V output.
4
GND
Ground connection.
5
Delay
Timing capacitor for RESET function.
6
RESET
CMOS/TTL compatible output lead. RESET goes low after detection of any error in the
regulated output or during power up.
3
VOUT(SENSE)
Remote sensing of output voltage.
7
NC
No Connection.


Similar Part No. - CS8126.1YDPSR7G

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
logo
ON Semiconductor
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126 ONSEMI-CS8126 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS8126-1YDPS7 ONSEMI-CS8126-1YDPS7 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126-1YDPS7G ONSEMI-CS8126-1YDPS7G Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
More results

Similar Description - CS8126.1YDPSR7G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8122 ONSEMI-CS8122 Datasheet
100Kb / 10P
   2.0% 5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
June, 2006 ??Rev. 7
CS8129 ONSEMI-CS8129 Datasheet
114Kb / 11P
   5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
logo
National Semiconductor ...
LM2925 NSC-LM2925 Datasheet
223Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
HTC Korea TAEJIN Techno...
LM2925 HTC-LM2925 Datasheet
228Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
logo
National Semiconductor ...
LM2826 NSC-LM2826 Datasheet
319Kb / 9P
   Low Dropout Regulator with Delayed Reset
LM2926 NSC-LM2926 Datasheet
404Kb / 10P
   Low Dropout Regulator with Delayed Reset
logo
ON Semiconductor
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com