Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLG-120H-30 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-120H-30
Description  120W Single Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-120H-30 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  HLG-120H-30 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-120H-30 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-120H-30 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-120H-30 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-120H-30 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-120H-30 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
68
72
76
80
84
88
92
96
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
277Vac
230Vac
115Vac
0 . 7 8
0 . 8 0
0 . 8 2
0 . 8 4
0 . 8 6
0 . 8 8
0 . 9 0
0 . 9 2
0 . 9 4
0 . 9 6
0 . 9 8
1 . 0 0
5 0 %
6 0 %
7 0 %
8 0 %
9 0 %
1 0 0 %
2 7 7 V a c
2 3 0 V a c
1 1 5 V a c
TherearetwomajorkindsofLEDdrivemethod"directdrive"and"withLEDdriver".
TypicalLEDpowersupplyI-Vcurve
A typicalLEDpowersupplymayeitherworkin"constantvoltagemode(CV)orconstantcurrentmode(CC)"todrivetheLEDs.
Mean Well's LED power supply with CV+ CC characteristic can be operated at both CV mode (with LED driver, at area (A) and CC mode (direct drive, at area (B).
DRIVINGMETHODSOFLEDMODULE
100
50
50
100
Io (%)
Constant
Voltage area
Constant
Current area
(A)
(B)
PowerFactorCharacteristic
LOAD
ConstantCurrentMode
EFFICIENCY vsLOAD(48VModel)
HLG-120Hseriespossesssuperiorworkingefficiencythatupto93.5%canbereachedinfieldapplications.
LOAD
(120W)
120WSingleOutputSwitchingPowerSupply
H L G - 1 2 0 H series
FileName:HLG-120-SPEC2012-09-11


Similar Part No. - HLG-120H-30

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-120H-30 MEANWELL-HLG-120H-30 Datasheet
345Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H-30 MEANWELL-HLG-120H-30 Datasheet
345Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H-30 MEANWELL-HLG-120H-30 Datasheet
351Kb / 6P
   120W Single Output Switching Power Supply
More results

Similar Description - HLG-120H-30

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-120 MEANWELL-HLG-120_11 Datasheet
344Kb / 6P
   120W Single Output Switching Power Supply
HLG-120_1107 MEANWELL-HLG-120_1107 Datasheet
371Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H-48A MEANWELL-HLG-120H-48A Datasheet
187Kb / 7P
   120W Single Output Switching Power Supply
EPS-120 MEANWELL-EPS-120 Datasheet
581Kb / 4P
   120W Single Output Switching Power Supply
HLG-120H MEANWELL-HLG-120H Datasheet
345Kb / 6P
   120W Single Output Switching Power Supply
NPF-120 MEANWELL-NPF-120 Datasheet
99Kb / 5P
   120W Single Output Switching Power Supply
NPF-120D MEANWELL-NPF-120D Datasheet
117Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H_1107 MEANWELL-HLG-120H_1107 Datasheet
351Kb / 6P
   120W Single Output Switching Power Supply
HLG-120 MEANWELL-HLG-120 Datasheet
344Kb / 6P
   120W Single Output Switching Power Supply
HLG-120 MEANWELL-HLG-120_12 Datasheet
372Kb / 6P
   120W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com