Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLG-120H-48 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-120H-48
Description  120W Single Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-120H-48 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  HLG-120H-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-120H-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-120H-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-120H-48 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-120H-48 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-120H-48 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3.75KVACI/P-FG:2KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
¢J
HLG-120H-12 A
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE Note.5
CURRENT ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
Note.7
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.4
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT(
.)
Typ
LEAKAGECURRENT
SAFETY STANDARDS Note.6
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
OVERVOLTAGE
OVERTEMPERATURE
Canbeadjusted byinternalpotentiometer A typeonly
2500ms,50ms
/115VAC;Btype2500ms,200msat95%load230VAC/115VAC
atfullload230VAC
12ms atfullload230VAC/115VAC
90~305VAC127~431VDC
47~63Hz
PF>0.98/115VAC,PF>0.95/230VAC,PF>0.93/277VACatfullload(Pleasereferto"PowerFactorCharacteristic"curve)
1.4A /115VAC0.6A /230VAC0.55A /277VAC
COLDSTART 75A/230VAC
<0.75mA /277VAC
95~108%
Complianceto EN55015,EN55022(CISPR22)ClassB,EN61000-3-2ClassC(
50%load);EN61000-3-3
¡Ù
-40~+70
(Referto"DeratingCurve")
¢J
20~95%RH non-condensing
-40~+80
,10~95%RH
¢J
¡Ó
¢J
¢J
0.03%/
(0~50
)
10~500Hz,5G12min./1cycle,periodfor72min.eachalongX, Y,Zaxes
192.2Khrsmin.MIL-HDBK-217F(25
)
¢J
220*68*38.8mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Derating may be needed under low input voltages. Please check the static characteristics for more details.
5. Type A only.
6. Safety and EMC design refer to EN60598-1, CNS15233, GB7000.1, FCC part18.
7. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
8. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
9. Refer to warranty statement.
¢J
1.12Kg;12pcs/14.4Kg/0.8CUFT
120WSingleOutputSwitchingPowerSupply
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
Universal AC input / Full range (up to 305VAC)
Built-in active PFC function
Protections: Short circuit / Over current / Over voltage / Over temperature
Cooling by free air convection
OCP point adjustable through output cable or internal potentiometer
IP67 / IP65 design for indoor or outdoor installations
Three in one dimming function (1~10Vdc or PWM signal or resistance)
Suitable for LED lighting and street lighting applications
Compliance to worldwide safety regulations for lighting
5 years warranty (Note.9)
Suitable for dry / damp / wet locations
High efficiency up to 93.5%
¡½ Features :
H L G - 1 2 0 H series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
85
10
(RTH2)
¢J¡Ó ¢J
Protectiontype: Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
SHORTCIRCUIT
14~17V
18~21V
23~27V
28~34V
34~38V
41~46V
54~60V
47~53V
59~65V
92%
92%
93%
93%
93%
93%
93.5%
93%
93.5%
¡Ó2.5%
5~10A
¡Ó2.0%
4~8A
¡Ó1.0%
3~6A
¡Ó1.0%
2.5~5A
¡Ó1.0%
2~4A
¡Ó1.0%
1.7~3.4A
¡Ó1.0%
1.2~2.5A
¡Ó0.5%
¡Ó0.5%
¡Ó0.5%
¡Ó0.5%
¡Ó0.5%
¡Ó0.5%
¡Ó0.5%
¡Ó2.0%
¡Ó1.5%
¡Ó0.5%
¡Ó0.5%
¡Ó0.5%
¡Ó0.5%
¡Ó0.5%
¡Ó1.0%
1.1~2.3A
¡Ó0.5%
¡Ó0.5%
¡Ó1.0%
1.4~2.9A
¡Ó0.5%
¡Ó0.5%
HLG-120H-12
HLG-120H-15
HLG-120H-20
HLG-120H-24
HLG-120H-30
HLG-120H-36
HLG-120H-48
12V
15V
20V
24V
30V
36V
48V
10A
8A
6A
5A
4A
3.4A
2.5A
120W
120W
120W
120W
120W
122.4W
120W
150mVp-p
150mVp-p
13.5~17V
150mVp-p
17~22V
150mVp-p
22~27V
200mVp-p
27~33V
200mVp-p
33~40V
200mVp-p
43~53V
10.8~13.5V
HLG-120H-54
54V
2.3A
124.2W
200mVp-p
49~58V
HLG-120H-42
42V
2.9A
121.8W
200mVp-p
38~46V
F
M
M
110
SELV
IP65 IP67
A : IP65 rated. Output voltage and constant current level can be adjusted through internal potentiometer.
B : IP67 rated. Constant current level adjustable through output cable with 1~10Vdc or 10V PWM signal or resistance.
Blank : IP67 rated. Cable for I/O connection.
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Protectiontype: Shutdowno/pvoltagewithauto-recoveryorre-powerontorecovery
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN61547,EN55024,lightindustrylevel(surge4KV),criteria A
D (option) : IP67 rated. Timer dimming function, contact MEAN WELL for details.
UL8750,CSA C22.2No.250.0-08,EN61347-1,EN61347-2-13independentIP65orIP67,J61347-1,J61347-2-13approved;
designrefertoUL60950-1, TUVEN60950-1
EMCIMMUNITY
EMCEMISSION


Similar Part No. - HLG-120H-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-120H-48 MEANWELL-HLG-120H-48 Datasheet
345Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H-48 MEANWELL-HLG-120H-48 Datasheet
345Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H-48 MEANWELL-HLG-120H-48 Datasheet
351Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H-48A MEANWELL-HLG-120H-48A Datasheet
187Kb / 7P
   120W Single Output Switching Power Supply
HLG-120H-48B MEANWELL-HLG-120H-48B Datasheet
187Kb / 7P
   120W Single Output Switching Power Supply
More results

Similar Description - HLG-120H-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-120 MEANWELL-HLG-120_11 Datasheet
344Kb / 6P
   120W Single Output Switching Power Supply
HLG-120_1107 MEANWELL-HLG-120_1107 Datasheet
371Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H-48A MEANWELL-HLG-120H-48A Datasheet
187Kb / 7P
   120W Single Output Switching Power Supply
EPS-120 MEANWELL-EPS-120 Datasheet
581Kb / 4P
   120W Single Output Switching Power Supply
HLG-120H MEANWELL-HLG-120H Datasheet
345Kb / 6P
   120W Single Output Switching Power Supply
NPF-120 MEANWELL-NPF-120 Datasheet
99Kb / 5P
   120W Single Output Switching Power Supply
NPF-120D MEANWELL-NPF-120D Datasheet
117Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H_1107 MEANWELL-HLG-120H_1107 Datasheet
351Kb / 6P
   120W Single Output Switching Power Supply
HLG-120 MEANWELL-HLG-120 Datasheet
344Kb / 6P
   120W Single Output Switching Power Supply
HLG-120 MEANWELL-HLG-120_12 Datasheet
372Kb / 6P
   120W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com