Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15266-XXXX Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 15266-XXXX
Description  Premo-Flex??Flat Flex Cable Jumpers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

15266-XXXX Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  15266-XXXX Datasheet HTML 1Page - Molex Electronics Ltd. 15266-XXXX Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Order No. 987650-6631
Printed in EUR/GF/2011.12
©2011, Molex
www.molex.com/product/premoflex_ffc-fpc.html
Premo-FlexFlat Flex
Cable Jumpers
Cable Thickness 0.12mm
15166
Tin, 0.50mm Pitch, 105°C
15167
Tin, 1.00mm Pitch, 105°C
15168
Tin, 1.25mm Pitch, 105°C
Cable Thickness 0.22mm
98266
Tin, 0.50mm Pitch, 105°C
98267
Tin, 1.00mm Pitch, 105°C
98268
Tin, 1.25mm Pitch, 105°C
Cable Thickness 0.27mm
21020
Tin, 0.50mm Pitch, 80°C
21039
Tin, 1.00mm Pitch, 80°C
21049
Tin, 1.25mm Pitch, 80°C
15266
Tin, 0.50mm Pitch, 105°C
15267
Tin, 1.00mm Pitch, 105°C
15268
Tin, 1.25mm Pitch, 105°C
15020
Gold, 0.50mm Pitch, 105°C
15039
Gold, 1.00mm Pitch, 105°C
15049
Gold, 1.25mm Pitch, 105°C
SPECIFICATIONS
Reference Information
Packaging: Box
UL Style No: 20706 (copper wire)
Flame Resistance: UL 758 VW-1
RoHS: Yes
Halogen Free: Yes
Physical
Temperature Rating: -40 to +105°C
Heat Resistance: 168 hours at +136°C
Moisture Resistance: 96 hours at +60°C,
95% Relative Humidity (RH)
Folding: Specimen to be folded manually
at +180° over a 4.00mm (.157") radius,
min. 20 cycles
Electrical
Voltage (max.): 60V
Current (max.):
0.50mm Pitch — 0.5A
1.00mm Pitch — 1.2A
1.25mm Pitch — 1.4A
Conductor Resistance: 730 ohms per km. max.
Insulation Resistance: 10 Megohms per km. min.
Dielectric Test: 200V AC for 1 minute, no
disrupted discharge
ORDERING INFORMATION
Control Panels
Series No.
Plating
Material
Cable Thickness
mm
Pitch mm
Temp Rating
Max.
°C
Circuits
Contact Layout
Type
Cable Lengths
Minimum Order
Quantity
15166-XXXX
Tin
0.12
0.50
105
6 to 60
A or D
Standard
lengths 30 up
to 305mm
Custom
lengths available
over 305mm
1000
15167-XXXX
1.00
15168-XXXX
1.25
98266-XXXX
0.22
0.50
6 to 50
98267-XXXX
1.00
4 to 50
98268-XXXX
1.25
21020-XXXX
0.27
0.50
80
6 to 50
21039-XXXX
1.00
21049-XXXX
1.25
15266-XXXX
0.50
105
15267-XXXX
1.00
4 to 50
15268-XXXX
1.25
15020-XXXX
Gold
0.50
6 to 50
15039-XXXX
1.00
4 to 50
15049-XXXX
1.25


Similar Part No. - 15266-XXXX

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15266-0051 MOLEX11-15266-0051 Datasheet
44Kb / 1P
   0.50mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A), 6 Circuits, 0.03m Cable Length, 0.27mm Cable Thickness, Tin (Sn) Plating
15266-0052 MOLEX11-15266-0052 Datasheet
44Kb / 1P
   0.50mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 6 Circuits, 0.03m Cable Length, 0.27mm Cable Thickness, Tin (Sn) Plating
15266-0053 MOLEX11-15266-0053 Datasheet
44Kb / 1P
   0.50mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A), 6 Circuits,0.051m Cable Length, 0.27mm Cable Thickness, Tin (Sn) Plating
15266-0054 MOLEX11-15266-0054 Datasheet
44Kb / 1P
   0.50mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 6 Circuits, 0.051m Cable Length, 0.27mm Cable Thickness, Tin (Sn) Plating
15266-0055 MOLEX11-15266-0055 Datasheet
44Kb / 1P
   0.50mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A), 6 Circuits, 0.076m Cable Length, 0.27mm Cable Thickness, Tin (Sn) Plating
More results

Similar Description - 15266-XXXX

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0152670923 MOLEX1-0152670923 Datasheet
37Kb / 1P
   Premo-Flex Cable Jumpers
logo
Aries Electronics, Inc.
4-002-171PTLHT ARIES-4-002-171PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
13-003-173 ARIES-13-003-173 Datasheet
272Kb / 3P
   Flat Pin Staked Flex Jumpers
logo
Molex Electronics Ltd.
15015-0223 MOLEX2-15015-0223 Datasheet
713Kb / 2P
   Premo-Flex??Etched Polyimide Jumpers
0150200457 MOLEX2-0150200457 Datasheet
42Kb / 1P
   Premo-Flex??FFC and Etched Polyimide Jumpers
0150200303 MOLEX2-0150200303 Datasheet
42Kb / 1P
   Premo-Flex??FFC and Etched Polyimide Jumpers
0015254081 MOLEX1-0015254081 Datasheet
98Kb / 1P
   FLAT FLEX CABLE CONNECTOR ASSEMBLY
98266 MOLEX-98266 Datasheet
89Kb / 2P
   Pitch Premo-Flex?
62300-2900 MOLEX11-62300-2900 Datasheet
28Kb / 1P
   Hawk Flat Flex Cable Terminator without Break-off
0623005200 MOLEX-0623005200 Datasheet
265Kb / 72P
   Hawk Flat Flex Cable Terminator with Break-off
10/07/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com