Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA2039M Datasheet(PDF) 11 Page - Sony Corporation

Part # CXA2039M
Description  Base Band Hue/Color Control
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2039M Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXA2039M Datasheet HTML 3Page - Sony Corporation CXA2039M Datasheet HTML 4Page - Sony Corporation CXA2039M Datasheet HTML 5Page - Sony Corporation CXA2039M Datasheet HTML 6Page - Sony Corporation CXA2039M Datasheet HTML 7Page - Sony Corporation CXA2039M Datasheet HTML 8Page - Sony Corporation CXA2039M Datasheet HTML 9Page - Sony Corporation CXA2039M Datasheet HTML 10Page - Sony Corporation CXA2039M Datasheet HTML 11Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
– 11 –
CXA2039M
Sony Corporation
Package Outline
Unit: mm
SONY CODE
EIAJ CODE
JEDEC CODE
M
PACKAGE STRUCTURE
MOLDING COMPOUND
LEAD TREATMENT
LEAD MATERIAL
PACKAGE WEIGHT
EPOXY/PHENOL RESIN
SOLDER PLATING
COPPER ALLOY / 42ALLOY
24PIN SOP (PLASTIC)
15.0 – 0.1
+ 0.4
112
13
24
1.27
0.45 ± 0.1
0.2 – 0.05
+ 0.1
0.1 – 0.05
+ 0.2
0.15
1.85 – 0.15
+ 0.4
± 0.12
SOP-24P-L01
∗SOP024-P-0300-A
0.3g
LEAD PLATING SPECIFICATIONS
ITEM
LEAD MATERIAL
COPPER ALLOY
SOLDER COMPOSITION
Sn-Bi Bi:1-4wt%
PLATING THICKNESS
5-18
µm
SPEC.


Similar Part No. - CXA2039M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2032Q SONY-CXA2032Q Datasheet
323Kb / 20P
   2-channel REC/PB Amplifier for 8 mm VTR
CXA2038R SONY-CXA2038R Datasheet
472Kb / 28P
   AFM Monaural Signal Processor for 8 mm VCR
More results

Similar Description - CXA2039M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2255 NJRC-NJM2255 Datasheet
194Kb / 5P
   CHROMA SIGNAL HUE TINT CONTROLLER
logo
Fairchild Semiconductor
1N4736AT FAIRCHILD-1N4736AT Datasheet
56Kb / 5P
   COLOR BAND DENOTES CATHODE
logo
Sony Corporation
CXD2932AGA-2 SONY-CXD2932AGA-2 Datasheet
177Kb / 19P
   GPS Base Band LSI
logo
New Japan Radio
NJW2303 NJRC-NJW2303 Datasheet
195Kb / 5P
   BASE BAND INTERFACE IC
logo
New Jersey Semi-Conduct...
G105C NJSEMI-G105C Datasheet
80Kb / 1P
   Color band denotes cathode end
logo
STMicroelectronics
STA680 STMICROELECTRONICS-STA680 Datasheet
587Kb / 43P
   HD Radio base-band receiver
STV2180A STMICROELECTRONICS-STV2180A Datasheet
57Kb / 6P
   BASE BAND CHROMA DELAY LINE
logo
SHANGHAI BELLING CO., L...
BL50436 BELLING-BL50436 Datasheet
56Kb / 2P
   Color TV Remote Control System
logo
Asahi Kasei Microsystem...
AK2368 AKM-AK2368 Datasheet
800Kb / 25P
   BASE-BAND LSI FOR CORDLESS TELEPHONES
logo
List of Unclassifed Man...
APA102C ETC1-APA102C Datasheet
880Kb / 5P
   rgb full color led control ic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com