Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1778FBD144 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LPC1778FBD144
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1778FBD144 Datasheet(HTML) 5 Page - NXP Semiconductors

  LPC1778FBD144 Datasheet HTML 1Page - NXP Semiconductors LPC1778FBD144 Datasheet HTML 2Page - NXP Semiconductors LPC1778FBD144 Datasheet HTML 3Page - NXP Semiconductors LPC1778FBD144 Datasheet HTML 4Page - NXP Semiconductors LPC1778FBD144 Datasheet HTML 5Page - NXP Semiconductors LPC1778FBD144 Datasheet HTML 6Page - NXP Semiconductors LPC1778FBD144 Datasheet HTML 7Page - NXP Semiconductors LPC1778FBD144 Datasheet HTML 8Page - NXP Semiconductors LPC1778FBD144 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 120 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary data sheet
Rev. 4 — 1 May 2012
5 of 120
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
4.
Ordering information
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC1788
LPC1788FBD208
LQFP208
plastic low profile quad flat package; 208 leads; body 28
 28  1.4 mm
SOT459-1
LPC1788FET208
TFBGA208
plastic thin fine-pitch ball grid array package; 208 balls; body
15
 15  0.7 mm
SOT950-1
LPC1788FET180
TFBGA180
thin fine-pitch ball grid array package; 180 balls; body 12
 12 0.8 mm
SOT570-2
LPC1788FBD144
LQFP144
plastic low profile quad flat package; 144 leads; body 20
 20  1.4 mm
SOT486-1
LPC1787
LPC1787FBD208
LQFP208
plastic low profile quad flat package; 208 leads; body 28
 28  1.4 mm
SOT459-1
LPC1786
LPC1786FBD208
LQFP208
plastic low profile quad flat package; 208 leads; body 28
 28  1.4 mm
SOT459-1
LPC1785
LPC1785FBD208
LQFP208
plastic low profile quad flat package; 208 leads; body 28
 28  1.4 mm
SOT459-1
LPC1778
LPC1778FBD208
LQFP208
plastic low profile quad flat package; 208 leads; body 28
 28  1.4 mm
SOT459-1
LPC1778FET208
TFBGA208
plastic thin fine-pitch ball grid array package; 208 balls; body
15
 15  0.7 mm
SOT950-1
LPC1778FET180
TFBGA180
thin fine-pitch ball grid array package; 180 balls; body 12
 12 0.8 mm
SOT570-2
LPC1778FBD144
LQFP144
plastic low profile quad flat package; 144 leads; body 20
 20  1.4 mm
SOT486-1
LPC1777
LPC1777FBD208
LQFP208
plastic low profile quad flat package; 208 leads; body 28
 28  1.4 mm
SOT459-1
LPC1776
LPC1776FBD208
LQFP208
plastic low profile quad flat package; 208 leads; body 28
 28  1.4 mm
SOT459-1
LPC1776FET180
TFBGA180
thin fine-pitch ball grid array package; 180 balls; body 12
 12 0.8 mm
SOT570-2
LPC1774
LPC1774FBD208
LQFP208
plastic low profile quad flat package; 208 leads; body 28
 28  1.4 mm
SOT459-1
LPC1774FBD144
LQFP144
plastic low profile quad flat package; 144 leads; body 20
 20  1.4 mm
SOT486-1


Similar Part No. - LPC1778FBD144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1778FBD144 NXP-LPC1778FBD144 Datasheet
1Mb / 117P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 96 kB SRAM; USB Device/Host/OTG
Rev. 2-27 May 2011
More results

Similar Description - LPC1778FBD144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1769 NXP-LPC1769_11 Datasheet
762Kb / 79P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet
Rev. 7-5 April 2011
logo
Holtek Semiconductor In...
HT32F12365 HOLTEK-HT32F12365 Datasheet
1Mb / 56P
   32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
HT32F12345 HOLTEK-HT32F12345 Datasheet
1Mb / 51P
   32-Bit Arm Cortex -M3 Microcontroller, up to 64 KB Flash and 16 KB SRAM
logo
NXP Semiconductors
LPC1500 NXP-LPC1500 Datasheet
1Mb / 99P
   32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
Rev. 1-19 February 2014
LPC1311 NXP-LPC1311 Datasheet
273Kb / 53P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009
LPC1311 NXP-LPC1311_10 Datasheet
451Kb / 60P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 02-6 May 2010
LPC1311 NXP-LPC1311_12 Datasheet
1Mb / 74P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 5-6 June 2012
LPC1788 NXP-LPC1788 Datasheet
1Mb / 117P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 96 kB SRAM; USB Device/Host/OTG
Rev. 2-27 May 2011
LPC1311_1008 NXP-LPC1311_1008 Datasheet
1Mb / 62P
   32-bit ARM Cortex-M3 microcontroller up to 32 kB flash and 8 kB SRAM USB device
Rev. 3-10 August 2010
LPC1311 NXP-LPC1311_11 Datasheet
1Mb / 73P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 4-20 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com