Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECH8309 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # ECH8309
Description  General-Purpose Switching Device Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8309 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  ECH8309_12 Datasheet HTML 1Page - Sanyo Semicon Device ECH8309_12 Datasheet HTML 2Page - Sanyo Semicon Device ECH8309_12 Datasheet HTML 3Page - Sanyo Semicon Device ECH8309_12 Datasheet HTML 4Page - Sanyo Semicon Device ECH8309_12 Datasheet HTML 5Page - Sanyo Semicon Device ECH8309_12 Datasheet HTML 6Page - Sanyo Semicon Device ECH8309_12 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ECH8309
No. A1418-4/7
A S O
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
VGS -- Qg
IT14421
IT14420
0
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
18
12
16
8
--4.5
--4.0
410
14
6
2
VDS= --6V
ID= --9.5A
--10
--100
2
3
5
7
2
3
5
7
2
3
5
7
5
7
2
3
--1.0
--0.01
--0.1
2
23
5
2 3
7
--0.01
--0.1
2
35 7--1.0
Operation in this area
is limited by RDS(on).
1ms
10ms
ID= --9.5A
IDP= --40A
DC
operation
(T
a=25
°C)
35 7 --10
100ms
PW
≤10μs
Ta=25
°C
Single pulse
When mounted on ceramic substrate (900mm2
×0.8mm)
Ambient Temperature, Ta --
°C
PD -- Ta
IT14422
00
0
20
40
0.2
60
0.8
1.0
0.6
0.4
1.6
1.4
1.5
1.2
80
100
120
1.8
140
160
When mounted on ceramic substrate
(900mm2
×0.8mm)


Similar Part No. - ECH8309_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ECH8309 SANYO-ECH8309_10 Datasheet
68Kb / 4P
   General-Purpose Switching Device Applications
More results

Similar Description - ECH8309_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com