Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECH8315-TL-H Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ECH8315-TL-H
Description  General-Purpose Switching Device Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8315-TL-H Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ECH8315-TL-H Datasheet HTML 1Page - Sanyo Semicon Device ECH8315-TL-H Datasheet HTML 2Page - Sanyo Semicon Device ECH8315-TL-H Datasheet HTML 3Page - Sanyo Semicon Device ECH8315-TL-H Datasheet HTML 4Page - Sanyo Semicon Device ECH8315-TL-H Datasheet HTML 5Page - Sanyo Semicon Device ECH8315-TL-H Datasheet HTML 6Page - Sanyo Semicon Device ECH8315-TL-H Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ECH8315
No. A1387-3/7
ID -- VGS
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
ID -- VDS
0
--2.5
--2.0
--0.5
--4.5
--4.0
--5.5
--5.0
--1.5
--1.0
--3.5
--3.0
--6.5
--6.0
--7.5
--7.0
0
0
IT14298
IT14299
--0.1
--0.4
--0.2
--0.6
--0.5
--0.3
--0.8
--0.7
--0.9 --1.0
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
--1
--6
--5
--2
--8
--7
--9
--4
--3
--10
VDS= --10V
VGS= --2.5V
--3.0V
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
RDS(on) -- VGS
IS -- VSD
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
| yfs | -- I
D
SW Time -- ID
Drain Current, ID -- A
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
--0.2
--0.4
--0.6
--1.2
--1.0
--0.8
--0.01
--0.1
7
5
3
2
2
--1.0
7
5
3
2
2
--10
7
5
3
--60 --40 --20
0
20
40
60
80
100 120 140 160
0
10
40
20
30
60
70
50
V GS
= --
4.0V
, I D
= --2.0A
VGS
= --10.0V
, ID=
--3.5A
VGS
= --
4.5V
, ID
= --
2.0A
IT14300
Ta=25
°C
IT14301
IT14302
IT14303
Ta=
--25
°C
75°
C
25
°C
VDS= --10V
VGS=0V
10
100
7
5
7
5
3
3
2
2
--0.1
2
--1.0
35
7
IT14304
VDD= --15V
VGS= --10V
td(off)
tr
tf
--10
23
5
7
td(on)
ID= --2A
--3.5A
0
--2
--10
--12
--8
--6
--4
--14
--16
0
10
20
30
60
50
40
80
70
0.1
2
3
2
7
10
7
5
3
2
1.0
7
5
3
2
--0.01
--0.1
2
57
32
--1.0
57
3
--10
57
3
0
100
1000
7
2
5
7
3
3
2
--30
--5
--15
--20
--25
--10
IT14305
f=1MHz
Ciss
Coss
Crss


Similar Part No. - ECH8315-TL-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ECH8315-TL-H ONSEMI-ECH8315-TL-H Datasheet
532Kb / 5P
   Single P-Channel Power MOSFET
April 2015 - Rev. 2
More results

Similar Description - ECH8315-TL-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com