Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT7205L15RJ Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ACT7205L15RJ
Description  ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT7205L15RJ Datasheet(HTML) 1 Page - Texas Instruments

  SN74ACT7205L15RJ Datasheet HTML 1Page - Texas Instruments SN74ACT7205L15RJ Datasheet HTML 2Page - Texas Instruments SN74ACT7205L15RJ Datasheet HTML 3Page - Texas Instruments SN74ACT7205L15RJ Datasheet HTML 4Page - Texas Instruments SN74ACT7205L15RJ Datasheet HTML 5Page - Texas Instruments SN74ACT7205L15RJ Datasheet HTML 6Page - Texas Instruments SN74ACT7205L15RJ Datasheet HTML 7Page - Texas Instruments SN74ACT7205L15RJ Datasheet HTML 8Page - Texas Instruments SN74ACT7205L15RJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SN74ACT7203L, SN74ACT7204L, SN74ACT7205L, SN74ACT7206L
2048 × 9, 4096 × 9, 8192 × 9, 16384 × 9
ASYNCHRONOUS FIRST IN, FIRST OUT MEMORIES
SCAS226A − FEBRUARY 1993 − REVISED SEPTEMBER 1995
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Reads and Writes Can Be Asynchronous
or Coincident
D Organization:
− SN74ACT7203L − 2048
× 9
− SN74ACT7204L − 4096
× 9
− SN74ACT7205L − 8192
× 9
− SN74ACT7206L − 16383
× 9
D Fast Data Access Times of 15 ns
D Read and Write Frequencies up to 40 MHz
D Bit-Width and Word-Depth Expansion
D Fully Compatible With the IDT7203/7204
D Retransmit Capability
D Empty, Full, and Half-Full Flags
D TTL-Compatible Inputs
D Available in 28-Pin Plastic DIP (NP), Plastic
Small-Outline (DV), and 32-Pin Plastic
J-Leaded Chip-Carrier (RJ) Packages
description
These devices are constructed with dual-port
SRAM and have internal write and read address
counters to provide data throughput on a first-in,
first-out (FIFO) basis. Write and read operations
are independent and can be asynchronous or
coincident. Empty and full status flags prevent
underflow
and
overflow
of
memory,
and
depth-expansion logic allows combining the
storage cells of two or more devices into one
FIFO. Word-width expansion is also possible.
Data is loaded into memory by the write-enable
(W) input and unloaded by the read-enable (R)
input. Read and write cycle times of 25 ns
(40 MHz) are possible with data access times of
15 ns.
These devices are particularly suited for providing a data channel between two buses operating at
asynchronous rates. Applications include use as rate buffers from analog-to-digital converters in
data-acquisition systems, temporary storage elements between buses and magnetic or optical memories, and
queues for communication systems. A 9-bit-wide data path is provided for the transmission of byte data plus
a parity bit or packet-framing information. The read pointer can be reset independently of the write pointer for
retransmitting previously read data when a device is not used in depth expansion.
The SN74ACT7203L, SN74ACT7204L, SN74ACT7205L, and SN74ACT7206L are characterized for operation
from 0
°C to 70°C.
Copyright
 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
W
D8
D3
D2
D1
D0
XI
FF
Q0
Q1
Q2
Q3
Q8
GND
VCC
D4
D5
D6
D7
FL /RT
RS
EF
XO/HF
Q7
Q6
Q5
Q4
R
DV OR NP PACKAGE
(TOP VIEW)
32 1 32 31
14
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
D6
D7
NC
FL /RT
RS
EF
XO/HF
Q7
Q6
D2
D1
D0
XI
FF
Q0
Q1
NC
Q2
430
15 16 17 18 19
RJ PACKAGE
(TOP VIEW)
20
NC − No internal connection
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74ACT7205L15RJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT7200L TI-SN74ACT7200L Datasheet
305Kb / 23P
[Old version datasheet]   256 횞 9, 512 횞 9, 1024 횞 9 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7200L15DV TI-SN74ACT7200L15DV Datasheet
305Kb / 23P
[Old version datasheet]   256 횞 9, 512 횞 9, 1024 횞 9 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7200L15NP TI-SN74ACT7200L15NP Datasheet
305Kb / 23P
[Old version datasheet]   256 횞 9, 512 횞 9, 1024 횞 9 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7200L15RJ TI-SN74ACT7200L15RJ Datasheet
305Kb / 23P
[Old version datasheet]   256 횞 9, 512 횞 9, 1024 횞 9 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7200L20DV TI-SN74ACT7200L20DV Datasheet
305Kb / 23P
[Old version datasheet]   256 횞 9, 512 횞 9, 1024 횞 9 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
More results

Similar Description - SN74ACT7205L15RJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT72211L15RJ TI-SN74ACT72211L15RJ Datasheet
305Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN FIRST-OUT MEMORIES
SN74ACT72211L TI1-SN74ACT72211L Datasheet
327Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI-SN74ALVC3631 Datasheet
448Kb / 28P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI1-SN74ALVC3631_07 Datasheet
476Kb / 29P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74V263 TI1-SN74V263_09 Datasheet
824Kb / 52P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V263-EP TI1-SN74V263-EP Datasheet
702Kb / 49P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT2236 TI1-SN74ACT2236 Datasheet
238Kb / 14P
[Old version datasheet]   1024x9x2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
logo
Fairchild Semiconductor
AM3341 FAIRCHILD-AM3341 Datasheet
407Kb / 6P
   64 x 4 BITS FIRST-IN FIRST-OUT MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com