Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA1331A Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # ENA1331A
Description  General-Purpose Switching Device Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1331A Datasheet(HTML) 4 Page - Sanyo Semicon Device

  ENA1331A Datasheet HTML 1Page - Sanyo Semicon Device ENA1331A Datasheet HTML 2Page - Sanyo Semicon Device ENA1331A Datasheet HTML 3Page - Sanyo Semicon Device ENA1331A Datasheet HTML 4Page - Sanyo Semicon Device ENA1331A Datasheet HTML 5Page - Sanyo Semicon Device ENA1331A Datasheet HTML 6Page - Sanyo Semicon Device ENA1331A Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ECH8410
No. A1331-4/7
A S O
Drain-to-Source Voltage, VDS -- V
PD -- Ta
Ambient Temperature, Ta --
°C
IT15057
2
2
3
5
7
0.1
2
3
5
7
1.0
0.01
0.01
2
1.0
57
3
2
0.1
57
32
10
57
32
5
3
Operation in this
area is limited by RDS(on).
100ms
DC
operation
(T
a=25
°C)
10ms
2
2
3
5
7
3
5
7
10
100 IDP=60A
ID=12A
1ms
100
μs
IT14986
0
0
20
40
0.4
60
80
100
120
140
160
0.8
1.2
1.8
1.6
0.2
0.6
1.0
1.4
PW
≤10μs
Ta=25
°C
Single pulse
When mounted on ceramic substrate (900mm2
×0.8mm)
When mounted on ceramic substrate
(900mm2
×0.8mm)
Total Gate Charge, Qg -- nC
VGS -- Qg
0
5
10
15
20
35
30
25
0
1
2
3
4
5
6
7
8
10
9
IT14590
VDS=15V
ID=12A


Similar Part No. - ENA1331A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1330 SANYO-ENA1330 Datasheet
100Kb / 12P
   CMOS IC Two Wire Serial Interface EEPROM(64k EEPROM)
ENA1334B SANYO-ENA1334B Datasheet
539Kb / 7P
   General-Purpose Switching Device Applications
ENA1335 SANYO-ENA1335 Datasheet
140Kb / 21P
   CMOS IC FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
ENA1335B ONSEMI-ENA1335B Datasheet
235Kb / 24P
   8-bit Microcontroller
September, 2014 Ver. 1.02
ENA1335B ONSEMI-ENA1335B Datasheet
235Kb / 24P
   8-bit Microcontroller
September, 2014 Ver. 1.02
More results

Similar Description - ENA1331A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com