Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52B22 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BZT52B22
Description  Small Signal Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BZT52B22 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  BZT52B22 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BZT52B22 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd BZT52B22 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
of
3
Case : Flat lead SOD-123 small outline plastic package
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
VZTolerance Selection of ±2%
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
Wide zener voltage range selection : 2.4V to 75V
High temperature soldering guaranteed: 260
°
Polarity : Indicated by cathode band
Weight : 8.85±0.5 mg
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Small Signal Diode
SOD-123F
Rating at 25
Maximum Ratings
IF=10mA
Notes:1. Valid provided that electrodes are kept at ambient temperature
V
Thermal Resistance (Junction to Ambient)
(Note 1)
RθJA
350
°C/W
Forward Voltage
1
TJ, TSTG
°C
Units
PD
mW
°C ambient temperature unless otherwise specified.
Type Number
-65 to + 150
Value
500
Junction and Storage Temperature Range
VF
Power Dissipation
Symbol
2.45V-76.5V 2A-5A
BZT52B2V4 THRU BZT52B75


Similar Part No. - BZT52B22

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B22 TSC-BZT52B22 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
Vishay Siliconix
BZT52B22 VISHAY-BZT52B22 Datasheet
128Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Nov-16
logo
Weitron Technology
BZT52B22 WEITRON-BZT52B22 Datasheet
170Kb / 3P
   Surface Mount Zener Diodes
logo
Foshan Blue Rocket Elec...
BZT52B22 FOSHAN-BZT52B22 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
logo
Diotec Semiconductor
BZT52B22 DIOTEC-BZT52B22 Datasheet
86Kb / 2P
   Surface mount Silicon Planar Zener Diodes
More results

Similar Description - BZT52B22

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N456A FAIRCHILD-1N456A Datasheet
25Kb / 2P
   Small Signal Diode
FDLL914 FAIRCHILD-FDLL914_07 Datasheet
101Kb / 4P
   Small Signal Diode
1N459_0412 FAIRCHILD-1N459_0412 Datasheet
28Kb / 2P
   Small Signal Diode
BAV19 FAIRCHILD-BAV19_01 Datasheet
61Kb / 4P
   Small Signal Diode
BAS16 FAIRCHILD-BAS16 Datasheet
48Kb / 4P
   Small Signal Diode
FDLL4151 FAIRCHILD-FDLL4151 Datasheet
20Kb / 2P
   Small Signal Diode
1N485B FAIRCHILD-1N485B Datasheet
61Kb / 2P
   Small Signal Diode
1N4305 FAIRCHILD-1N4305 Datasheet
27Kb / 2P
   Small Signal Diode
1N4447 FAIRCHILD-1N4447_11 Datasheet
96Kb / 2P
   Small Signal Diode
1N4148TA FAIRCHILD-1N4148TA Datasheet
137Kb / 6P
   Small Signal Diode
logo
Gaomi Xinghe Electronic...
1N4148WS GXELECTRONICS-1N4148WS Datasheet
544Kb / 2P
   Small Signal Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com