Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2012X7R1A102BTXXXX Datasheet(PDF) 2 Page - TDK Electronics

Part # C2012X7R1A102BTXXXX
Description  General Application
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012X7R1A102BTXXXX Datasheet(HTML) 2 Page - TDK Electronics

  C2012X7R1A102BTXXXX Datasheet HTML 1Page - TDK Electronics C2012X7R1A102BTXXXX Datasheet HTML 2Page - TDK Electronics C2012X7R1A102BTXXXX Datasheet HTML 3Page - TDK Electronics C2012X7R1A102BTXXXX Datasheet HTML 4Page - TDK Electronics C2012X7R1A102BTXXXX Datasheet HTML 5Page - TDK Electronics C2012X7R1A102BTXXXX Datasheet HTML 6Page - TDK Electronics C2012X7R1A102BTXXXX Datasheet HTML 7Page - TDK Electronics C2012X7R1A102BTXXXX Datasheet HTML 8Page - TDK Electronics C2012X7R1A102BTXXXX Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
REMINDERS
Please read before using this product
SAFETY REMINDERS
TDK MLCC US Catalog
Version B11
Page 4
REMINDERS
1.
If you intend to use a product listed in this catalog for a purpose that may cause loss of life or other
damage, you must contact our company’s sales window.
2.
We may modify products or discontinue production of a product listed in this catalog without prior
notification.
3.
We provide “Delivery Specification” that explain precautions for the specifications and safety of each
product listed in this catalog. We strongly recommend that you exchange these delivery specifications
with customers that use one of these products.
4.
If you plan to export a product listed in this catalog, keep in mind that it may be a restricted item according
to the “Foreign Exchange and Foreign Trade Control Law”. In such cases, it is necessary to acquire export
permission in harmony with this law.
5.
Any reproduction or transferring of the contents of this catalog is prohibited without prior permission from
our company.
6.
We are not responsible for problems that occur related to the intellectual property rights or other rights of
our company or a third party when you use a product listed in this catalog. We do not grant license of
these rights.
7.
This catalog only applies to products purchased through our company or one of our company’s official
agencies. This catalog does not apply to products that are purchased through other third parties.


Similar Part No. - C2012X7R1A102BTXXXX

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C2012X7R1A106K125AC TDK-C2012X7R1A106K125AC Datasheet
1Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
logo
ON Semiconductor
C2012X7R1A106K125AC ONSEMI-C2012X7R1A106K125AC Datasheet
293Kb / 16P
   3 MHz, 2 A Synchronous Buck Converter
October, 2015 ??Rev. 4
logo
TDK Electronics
C2012X7R1A106K125AC TDK-C2012X7R1A106K125AC_16 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C2012X7R1A106K125AC TDK-C2012X7R1A106K125AC_17 Datasheet
238Kb / 3P
   Multilayer Ceramic Chip Capacitors
C2012X7R1A106K125AE TDK-C2012X7R1A106K125AE Datasheet
236Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C2012X7R1A102BTXXXX

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3875S KEC-KTC3875S Datasheet
95Kb / 3P
   GENERAL PURPOSE APPLICATION SWITCHING APPLICATION.
logo
KODENSHI_AUK CORP.
BC856F KODENSHI-BC856F Datasheet
284Kb / 4P
   General purpose application Switching application
logo
First Silicon Co., Ltd
FTA1504 FS-FTA1504 Datasheet
281Kb / 3P
   GENERAL PURPOSE APPLICATION. SWITCHING APPLICATION.
logo
KODENSHI_AUK CORP.
BC846 KODENSHI-BC846 Datasheet
267Kb / 4P
   General purpose application
BC857F KODENSHI-BC857F Datasheet
284Kb / 4P
   General purpose application
BC857U KODENSHI-BC857U Datasheet
274Kb / 4P
   General purpose application
BC846 KODENSHI-BC846 Datasheet
267Kb / 4P
   General purpose application
BC846F KODENSHI-BC846F Datasheet
279Kb / 4P
   General purpose application
BC846U KODENSHI-BC846U Datasheet
268Kb / 4P
   General purpose application
BC846UF KODENSHI-BC846UF Datasheet
179Kb / 3P
   General purpose application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com