Electronic Components Datasheet Search |
|
07611612 Datasheet(PDF) 4 Page - Tyco Electronics |
|
07611612 Datasheet(HTML) 4 Page - Tyco Electronics |
4 / 85 page TMS-SCE Military grade heat shrinkable wire identification sleeves 4 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Heat-Shrink/Cable Markers TMS-SCE marker sleeves are designed to meet the wire and cable marking needs of manufacturers with high performance requirements. Made from durable, flame retardant, radiation- crosslinked heat-shrinkable polyolefin, TMS-SCE marker sleeves can be used in a wide variety of applications. All TMS-SCE meet the performance requirements of SAE-ASM-DTL-23053/5 class 1. TMS-SCE-2X meets all of the requirements of SAE-AMS-DTL- 23053/5 classes 1 and 3. The marks are permanent immediately after printing and remain legible even when exposed to abrasion, aggressive cleaning solvents, and military fuels and oils. The sleeves meet the mark permanence requirements of SAE AS81531 4.6.2 and MIL-STD-202 both before and after shrinking. Both 2:1 and 3:1 shrink ratios are available. The 2:1 products provide a thick, rugged sleeve wall and are particularly easy to handle. The lightweight 3:1 products provide extremely fast shrinking and cover a wider range of wire diameters, thus simplifying inventory. The marker sleeves are designed to be printed by computer-driven dot matrix or thermal transfer printers, providing several advantages in terms of reduced errors, cycle time and cost. Supplied in a thin, flat “ladder” format, the sleeves are held horizontally between two hole-punched polyester strips. This configuration feeds directly from the storage box into a Tyco Electronics recommended printer. Tyco Electronics recommended ribbons should always be used. The ladder format provides automatic kitting of the marker sleeves in the desired sequence. A standard heat gun with reflector is used to shrink the sleeves onto the wire or cable. Features and benefits I Permanent identification sleeves I Computer-printable I Lightweight for aerospace applications I Military specification material and print performance I 2:1 and 3:1 shrink ratio I CSA Certified I UL Recognized, VW all flame tubing test rated I Quick recovery for heat sensitive areas TMS-SCE - 2X -1K- 1/8- 2.0-S1-9 Part numbering system Color (white or yellow) Scoring (optional) Sleeve length (2.0 " nominal) (omit for 2X) Inside diameter, as supplied ( inches) Standard Pack (1,000 pieces) 2X is optional (2:1 shrink ratio: if left out, product will be 3:1) Product family Temperature rating Operating temperature range –55°C to +135°C –67°F to +275°F Minimum recovery temperature +85°C +185°F Maximum storage temperature +40°C +104°F Specifications/approvals Tyco Electronics RW 2511 TTDS-023 Military SAE-AMS-DTL-23053/5 class1 and 3 (TMS-SCE-2X) SAE-AMS-DTL-23053/5 class 1 (TMS-SCE) SAE AS81531 4.6.2, MIL-STD-202 Method 215J Industry UL Recognized – Standard 224, file E35586 (TMS-SCE-2X is UL224-VW1 rated. TMS-SCE is UL224- all tube flame test rated) CSA Certified – File 31929 Printer information Tyco Electronics printer AM6310 (dot matrix) T200 Series (thermal transfer, low volume) T312M (thermal transfer) Tyco Electronics ribbon 1892BK04-RIBBON (dot matrix) TMS-101-RIBBON-4RPSCE (thermal transfer for T208M) TMS-RJS-RIBBON-4RPSCE (thermal transfer for T312M)) |
Similar Part No. - 07611612 |
|
Similar Description - 07611612 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |