Electronic Components Datasheet Search |
|
Y-CONC-R822S-MF4A-2000-A Datasheet(PDF) 9 Page - YAMAHA CORPORATION |
|
Y-CONC-R822S-MF4A-2000-A Datasheet(HTML) 9 Page - YAMAHA CORPORATION |
9 / 42 page Industrial RJ45 Plugs Description: RJ45 cable plug, Cat 5 with integrated cable guide, shielding and cable crimp preventing cable rotation. Ethernet/customised contact wiring, with or without power contacts RJ45 Kabelstecker Cat 5 mit integrierter Kabelführung, Schirmung und Kabelcrimp, der das Verdrehen des Kabels verhindert. Ethernet/Kundenspezifische Kontaktverdrahtung mit oder ohne zusätzliche Kontakte für die Stomversorgung Material: Plug body PBT, UL94V-0 Steckergehäuse Shielding Nickel plated brass Schirmung Contact Contact area 30µ”Au over Ni Kontakte Specifications: Operating Temp.: -40°C ~ +120°C Betriebstemp. Durability: 1,500 mechanical cycles Lebensdauer Current Rating: 2.1A @ 70°C (power contacts) Bemessungsstrom Part Number Signal Contacts Power Contacts Y-ConPlug-11 4 (Ethernet) 0 Y-ConPlug-21 4 (Ethernet) 2 Y-ConPlug-31 6 2 Y-ConPlug-41 8 0 Y-ConPlug-51 8 2 Series Design Number Y-ConPlug - * 1 Part Number (Details) Outline Dimensions Example: Y-ConPlug-51 IP20 protective transport cap for all Y-Con plugs. IP20 Transportschutzabdeckung für alle Y-Con Kabelstecker. Material: PE Colour Transparent white Farbe Specifications: Operating Temp.: -20°C ~ +80°C Betriebstemp. Material: PA66 Specifications: Operating Temp.: -20°C ~ +120°C Betriebstemp. Description: IP20 strain relief for use with all Y-Con plugs. The cable cage allows for flexing with the cable IP20-Zugentlastung für den Einsatz mit allen Y-Con Kabelsteckern. Die Manschette der Zugentlastung unterstützt die Biegeflexibilität des Kabels Part No.: Y-ConAS-11 Part No.: Y-ConAS-12 Accessories Accessories SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER 8 |
Similar Part No. - Y-CONC-R822S-MF4A-2000-A |
|
Similar Description - Y-CONC-R822S-MF4A-2000-A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |