Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y12 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # Y12
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

Y12 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  Y12 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd Y12 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd Y12 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BZY97 SERIES
3.9V-200V
1.5W
1 of 3
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
FEATURES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
s
s
s
Complete voltage range 3.9 to 200 V
For use in stablilizing and clipping circuits
Smaller voltage tolerances are available
MECHANICAL DATA
Case:JEDEC DO-41,molded plastic
Terminals: Axial leads solderable per MIL-
STD-202,Method 208
Polarity: Color band denotes cathods end
Mounting position: any
Weight: 0.012 ounces,0.34 grams
with high power rating.
s
s
s
s
s
ZENER DIODES
Parameter
Power dissipation at T
A=60℃ (Note 1)
Maximum thermal resistance
junction to ambient
Junction temperature
Storage temperature range
K/W
RθJA
60
-55 to +150
TSTG
TJ
-55 to +150
Symbol
Ptot
Unit
Value
1.5
W
Maximum Ratings and Thermal Characteristics
(TA=25℃ unless otherwise noted)
Notes
1)Valid provided that leads at a distance of 3/8" from case are kept at ambient temperature.


Similar Part No. - Y12

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
Y1200B KEYSIGHT-Y1200B Datasheet
1Mb / 10P
   M9187A PXI Digital I/O Control Module
Y1200B KEYSIGHT-Y1200B Datasheet
1Mb / 13P
   PXI Multiplexer Switch Modules
Y1200B KEYSIGHT-Y1200B Datasheet
2Mb / 14P
   PXI Matrix Switch Modules
Y1200B KEYSIGHT-Y1200B Datasheet
7Mb / 27P
   PXI RF Switch Modules
Y1200B KEYSIGHT-Y1200B Datasheet
2Mb / 15P
   General Purpose Switch Modules
More results

Similar Description - Y12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com