Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPEBWT-H1-0000-00BE7 Datasheet(PDF) 5 Page - Cree, Inc

Part # XPEBWT-H1-0000-00BE7
Description  Cree짰 XLamp짰 XP-E2 LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPEBWT-H1-0000-00BE7 Datasheet(HTML) 5 Page - Cree, Inc

  XPEBWT-H1-0000-00BE7 Datasheet HTML 1Page - Cree, Inc XPEBWT-H1-0000-00BE7 Datasheet HTML 2Page - Cree, Inc XPEBWT-H1-0000-00BE7 Datasheet HTML 3Page - Cree, Inc XPEBWT-H1-0000-00BE7 Datasheet HTML 4Page - Cree, Inc XPEBWT-H1-0000-00BE7 Datasheet HTML 5Page - Cree, Inc XPEBWT-H1-0000-00BE7 Datasheet HTML 6Page - Cree, Inc XPEBWT-H1-0000-00BE7 Datasheet HTML 7Page - Cree, Inc XPEBWT-H1-0000-00BE7 Datasheet HTML 8Page - Cree, Inc XPEBWT-H1-0000-00BE7 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc.
5
xlamp xp-e2 leds
thermal desiGn
The maximum forward current is determined by the thermal resistance between the LeD junction and ambient. It is
crucial for the end product to be designed in a manner that minimizes the thermal resistance from the solder point to
ambient in order to optimize lamp life and optical characteristics.
relative fluX vs. current (t
J = 85 °c)
0
200
400
600
800
1000
1200
0
20
40
60
80
100
120
140
Ambient Temperature (ºC)
Rj-a = 10°C/W
Rj-a = 15°C/W
Rj-a = 20°C/W
Rj-a = 25°C/W
Relative Intensity vs. Current (Tj = 85ºC)
0%
50%
100%
150%
200%
250%
0
100
200
300
400
500
600
700
800
900
1000
Forward Current (mA)


Similar Part No. - XPEBWT-H1-0000-00BE7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEBWT-H1-0000-00BE7 CREE-XPEBWT-H1-0000-00BE7 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPEBWT-H1-0000-00BE7 CREE-XPEBWT-H1-0000-00BE7 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
XPEBWT-H1-0000-00BE7 CREE-XPEBWT-H1-0000-00BE7 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPEBWT-H1-0000-00BE7 CREE-XPEBWT-H1-0000-00BE7 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
More results

Similar Description - XPEBWT-H1-0000-00BE7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPE2 CREE-XPE2 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
CLD-DS56 CREE-CLD-DS56 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E2 LEDs
CLD-DSXX CREE-CLD-DSXX Datasheet
1Mb / 20P
   Cree짰 XLamp짰 XP-E2 Color LEDs
XPGWHT-L1-0000-00E51 CREE-XPGWHT-L1-0000-00E51 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 XP-G LEDs
XPBL CREE-XPBL Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
CLD-AP22 CREE-CLD-AP22 Datasheet
3Mb / 45P
   Cree짰 XLamp짰 XP Family LEDs
XP-C CREE-XP-C Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-C LEDs
XP-E CREE-XP-E Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DS18 CREE-CLD-DS18 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DS34 CREE-CLD-DS34 Datasheet
1Mb / 13P
   Cree짰 XLamp짰 XP-E High-Efficiency White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com